Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ7670A Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAXQ7670A
Description  Microcontroller with 12-Bit ADC, PGA, 64KB Flash, and CAN Interface
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ7670A Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAXQ7670A Datasheet HTML 1Page - Maxim Integrated Products MAXQ7670A Datasheet HTML 2Page - Maxim Integrated Products MAXQ7670A Datasheet HTML 3Page - Maxim Integrated Products MAXQ7670A Datasheet HTML 4Page - Maxim Integrated Products MAXQ7670A Datasheet HTML 5Page - Maxim Integrated Products MAXQ7670A Datasheet HTML 6Page - Maxim Integrated Products MAXQ7670A Datasheet HTML 7Page - Maxim Integrated Products MAXQ7670A Datasheet HTML 8Page - Maxim Integrated Products MAXQ7670A Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
Microcontroller with 12-Bit ADC,
PGA, 64KB Flash, and CAN Interface
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDVDDIO = +5.0V, VAVDD = +3.3V, VDVDD = +2.5V, VREFADC = +3.3V, system clock = 16MHz. TA = TMIN to TMAX, unless otherwise
noted. Typical values are at TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
DVDD to DGND ........................................................-0.3V to +3V
DVDDIO to GNDIO ................................................-0.3V to +5.5V
AVDD to AGND ........................................................-0.3V to +4V
DGND to GNDIO. ..................................................-0.3V to +0.3V
GNDIO to AGND. ..................................................-0.3V to +0.3V
AGND to DGND.....................................................-0.3V to +0.3V
Analog Inputs to AGND..........................-0.3V to (VAVDD + 0.3V)
RESET, Digital Inputs/Outputs to
GNDIO ............................................-0.3V to (VDVDDIO + 0.3V)
XIN, XOUT to DGND ..............................-0.3V to (VDVDD + 0.3V)
Continuous Power Dissipation (TA = +70°C)
40-Pin TQFN (derate 36mW/°C above +70°C) ..........2857mW
Continuous Current into Any Pin.......................................±50mA
Operating Temperature Range .........................-40°C to +125°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) ................................+300°C
Soldering Temperature (reflow) ......................................+260°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER REQUIREMENTS
DVDD
REGEN2 = DVDDIO, DVDD
≤ AVDD,
DVDD
≤ DVDDIO
2.25
2.5
2.75
AVDD
LRAPD = 1, AVDD
≤ DVDDIO
3.0
3.3
3.6
Supply Voltage Ranges
DVDDIO
4.5
5.0
5.25
V
Shutdown (Note 2)
3
10
µA
AVDD Supply Current
IAVDD
All analog functions enabled
6
7
mA
ADC, 25ksps, 2MHz ADCCLK
5200
ADC, 125ksps, 2MHz ADCCLK
5600
AVDD brownout interrupt monitor
3
Analog Module Incremental
Subfunction Supply Current
ΔIAVDD
PGA enabled
5500
µA
CPU in stop mode, all peripherals
disabled
25
200
µA
High speed/2MHz mode (Note 3)
2.0
2.5
High speed/16MHz mode (Note 4)
11.3
Low speed/625kHz mode (Note 5)
0.95
DVDD Supply Current
IDVDD
Program flash erase or write
14
23
mA
DVDDIO brownout reset monitor
1
HF crystal oscillator
60
Digital Peripheral Incremental
Subfunction Supply Current
ΔIDVDD
Internal fixed-frequency oscillator
50
µA
All digital I/Os static at GNDIO or
DVDDIO
220
µA
DVDDIO Supply Current
IDVDDIO
CAN transmitting, timer output
switching (Note 6)
0.2
0.3
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com