Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2463CDDPBF Datasheet(PDF) 5 Page - Linear Technology

Part # LTC2463CDDPBF
Description  Ultra-Tiny, 16-Bit I짼C ?誇 ADCs with 10ppm/째C Max Precision Reference
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2463CDDPBF Datasheet(HTML) 5 Page - Linear Technology

  LTC2463CDDPBF Datasheet HTML 1Page - Linear Technology LTC2463CDDPBF Datasheet HTML 2Page - Linear Technology LTC2463CDDPBF Datasheet HTML 3Page - Linear Technology LTC2463CDDPBF Datasheet HTML 4Page - Linear Technology LTC2463CDDPBF Datasheet HTML 5Page - Linear Technology LTC2463CDDPBF Datasheet HTML 6Page - Linear Technology LTC2463CDDPBF Datasheet HTML 7Page - Linear Technology LTC2463CDDPBF Datasheet HTML 8Page - Linear Technology LTC2463CDDPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LTC2461/LTC2463
5
24613f
TYPICAL PERFORMANCE CHARACTERISTICS
Offset Error vs Temperature
ADC Gain Error vs Temperature
Transition Noise vs Temperature
Conversion Mode Power Supply
Current vs Temperature
Sleep Mode Power Supply
Current vs Temperature
VREF vs Temperature
(TA = 25°C, unless otherwise noted)
TEMPERATURE (°C)
1
5
24613 G04
–1
0
2
3
4
–2
–3
–4
–5
VCC = 5.5V
VCC = 4.1V
VCC = 2.7V
–50
–10
10
–30
50
70
30
90
TEMPERATURE (°C)
–50
25
5
24613 G05
0
15
10
20
–25
25
50
75
0
100
VCC = 5.5V
VCC = 4.1V
VCC = 2.7V
TEMPERATURE (°C)
6
10
24613 G06
4
5
7
8
9
3
2
1
0
–50
–10
10
–30
50
70
30
90
VCC = 5.5V
VCC = 2.7V
–50
–10
10
–30
50
70
30
90
VCC = 5.5V
VCC = 2.7V
TEMPERATURE (°C)
2.0
1.9
24613 G07
1.4
1.5
1.6
1.7
1.8
1.3
1.2
1.1
1.0
VCC = 4.1V
–50
–10
10
–30
50
70
30
90
VCC = 5.5V
VCC = 2.7V
VCC = 4.1V
TEMPERATURE (°C)
350
24613 G08
150
300
250
200
100
50
0
–50
–10
10
–30
50
70
30
90
TEMPERATURE (°C)
1.2508
24613 G09
1.2502
1.2503
1.2504
1.2505
1.2506
1.2507
VCC = 5V
Integral Nonlinearity (VCC = 5.5V)
Integral Nonlinearity (VCC = 2.7V)
INL vs Temperature
DIFFERENTIAL INPUT VOLTAGE (V)
–1.25
–0.75
–0.25
1
3
24613 G02
–1
0
2
–2
–3
0.25
0.75
1.25
TA = –45°C, 25°C, 90°C
TEMPERATURE (°C)
–55
1
3
24613 G03
–1
0
2
–2
–3
–35 –15
25
45
65
85
5
125
105
VCC = 5.5V, 4.1V, 2.7V
DIFFERENTIAL INPUT VOLTAGE (V)
–1.25
–0.75
–0.25
1
3
24613 G01
–1
0
2
–2
–3
0.25
0.75
1.25
TA = –45°C, 25°C, 90°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com