Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2463IMSPBF Datasheet(PDF) 13 Page - Linear Technology

Part # LTC2463IMSPBF
Description  Ultra-Tiny, 16-Bit I짼C ?誇 ADCs with 10ppm/째C Max Precision Reference
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2463IMSPBF Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC2463IMSPBF Datasheet HTML 9Page - Linear Technology LTC2463IMSPBF Datasheet HTML 10Page - Linear Technology LTC2463IMSPBF Datasheet HTML 11Page - Linear Technology LTC2463IMSPBF Datasheet HTML 12Page - Linear Technology LTC2463IMSPBF Datasheet HTML 13Page - Linear Technology LTC2463IMSPBF Datasheet HTML 14Page - Linear Technology LTC2463IMSPBF Datasheet HTML 15Page - Linear Technology LTC2463IMSPBF Datasheet HTML 16Page - Linear Technology LTC2463IMSPBF Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LTC2461/LTC2463
13
24613f
Figure 7b. Start a New Conversion without Reading Old Conversion Result
SLEEP
SP
R
ACK READ (OPTIONAL)
DATA OUTPUT
CONVERSION
CONVERSION
24613 F07a
7-BIT ADDRESS
(0010100 OR 1010100)
APPLICATIONS INFORMATION
Figure 6. Consecutive Reading
SLEEP
SLEEP
SP
R
ACK
READ
READ
DATA OUTPUT
CONVERSION
CONVERSION
24613 F06
S
RP
ACK
CONVERSION
DATA OUTPUT
7-BIT ADDRESS
(0010100 OR 1010100)
7-BIT ADDRESS
(0010100 OR 1010100)
the next conversion is complete. It will remain powered
down until a valid address is acknowledged. The reference
startup time is approximately 12ms. In order to ensure a
stable reference for the following conversions, either the
data input/output time should be delayed 12ms after an
address acknowledge or the first conversion following a
reference start up should be discarded.
OPERATION SEQUENCE
Continuous Read
Conversions from the LTC2461/LTC2463 can be continu-
ously read, see Figure 6. The R/W is 1 for a read. At the
end of a read operation, a new conversion automatically
begins. At the conclusion of the conversion cycle, the next
result may be read using the method described above. If
the conversion cycle is not complete and a valid address
selects the device, the LTC2461/LTC2463 generate a NAK
signal indicating the conversion cycle is in progress. See
Figure 7a for an example state diagram.
Discarding a Conversion Result and Initiating a New
Conversion
It is possible to start a new conversion without reading
the old result, as shown in Figure 7b. Following a valid
7-bit address, a read request (R/W) bit, and a valid ACK,
a STOP command will start a new conversion.
Figure 7a. I2C State Diagram
24613 F07b
7-BIT ADDRESS:
0010100 OR 1010100
WRITE INPUT
CONFIGURATION
(FIGURE 5b)
FOR CYCLE N
I2C START
R/W
BIT LOW
WRITE INPUT
CONFIGURATION
(FIGURE 5b)
I2C STOP
CONVERT
CONVERSION
FINISHED
ACK
ACK
ACK
NAK
I2C (REPEAT) START
R/W
BIT LOW
7-BIT ADDRESS:
0010100 OR 1010100
I2C START
R/W
BIT HIGH
READ DATA FROM
CYCLE N-1
I2C STOP
CONVERT
CONVERSION
FINISHED
7-BIT ADDRESS:
0010100 OR 1010100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com