Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATXMEGA128D4 Datasheet(PDF) 32 Page - ATMEL Corporation

Part # ATXMEGA128D4
Description  8/16-bit AVR XMEGA D4 Microcontroller
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATXMEGA128D4 Datasheet(HTML) 32 Page - ATMEL Corporation

Back Button ATXMEGA128D4 Datasheet HTML 28Page - ATMEL Corporation ATXMEGA128D4 Datasheet HTML 29Page - ATMEL Corporation ATXMEGA128D4 Datasheet HTML 30Page - ATMEL Corporation ATXMEGA128D4 Datasheet HTML 31Page - ATMEL Corporation ATXMEGA128D4 Datasheet HTML 32Page - ATMEL Corporation ATXMEGA128D4 Datasheet HTML 33Page - ATMEL Corporation ATXMEGA128D4 Datasheet HTML 34Page - ATMEL Corporation ATXMEGA128D4 Datasheet HTML 35Page - ATMEL Corporation ATXMEGA128D4 Datasheet HTML 36Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 100 page
background image
32
8135G–AVR–08/10
XMEGA D4
16. AWEX - Advanced Waveform Extension
16.1
Features
• Output with complementary output from each Capture channel
• Four Dead Time Insertion (DTI) Units, one for each Capture channel
• 8-bit DTI Resolution
• Separate High and Low Side Dead-Time Setting
• Double Buffered Dead-Time
• Event Controlled Fault Protection
• Single Channel Multiple Output Operation (for BLDC motor control)
• Double Buffered Pattern Generation
16.2
Overview
The Advanced Waveform Extension (AWEX) provides extra features to the Timer/Counter in
Waveform Generation (WG) modes. The AWEX enables easy and safe implementation of for
example, advanced motor control (AC, BLDC, SR, and Stepper) and power control applications.
Any WG output from a Timer/Counter 0 is split into a complimentary pair of outputs when any
AWEX feature is enabled. These output pairs go through a Dead-Time Insertion (DTI) unit that
enables generation of the non-inverted Low Side (LS) and inverted High Side (HS) of the WG
output with dead time insertion between LS and HS switching. The DTI output will override the
normal port value according to the port override setting. Optionally the final output can be
inverted by using the invert I/O setting for the port pin.
The Pattern Generation unit can be used to generate a synchronized bit pattern on the port it is
connected to. In addition, the waveform generator output from Compare Channel A can be dis-
tributed to, and override all port pins. When the Pattern Generator unit is enabled, the DTI unit is
bypassed.
The Fault Protection unit is connected to the Event System. This enables any event to trigger a
fault condition that will disable the AWEX output. Several event channels can be used to trigger
fault on several different conditions.
The AWEX is available for TCC0. The notation of this is AWEXC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com