Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRR0901LSX Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # VRR0901LSX
Description  CMOS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VRR0901LSX Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button VRR0901LSX Datasheet HTML 12Page - List of Unclassifed Manufacturers VRR0901LSX Datasheet HTML 13Page - List of Unclassifed Manufacturers VRR0901LSX Datasheet HTML 14Page - List of Unclassifed Manufacturers VRR0901LSX Datasheet HTML 15Page - List of Unclassifed Manufacturers VRR0901LSX Datasheet HTML 16Page - List of Unclassifed Manufacturers VRR0901LSX Datasheet HTML 17Page - List of Unclassifed Manufacturers VRR0901LSX Datasheet HTML 18Page - List of Unclassifed Manufacturers VRR0901LSX Datasheet HTML 19Page - List of Unclassifed Manufacturers VRR0901LSX Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
AnaSem Inc.
15
Rev. C09-08
VRR 系列
高速度
, 低压差, ±1% 高输出精度 配ON/OFF开关电路CMOS稳压器
.......... Future of the analog world
一般特征
– 负载瞬态响应
VIN=EN=VOUT+1.0V
Tr=Tf=5µs, Ta=25°C, CIN=CL=1.0µF
1.2
0.9
1.0
1.1
1.3
Time (40µs/div)
300
100
0
200
400
Output Voltage
Output Current
2.8
2.7
2.5
2.3
2.4
2.6
2.9
Time (40µs/div)
Output Voltage
Output Current
3.0
2.9
2.7
2.5
2.6
2.8
3.1
Time (40µs/div)
Output Voltage
Output Current
250
200
100
0
50
150
300
250
200
100
0
50
150
300
1.8
1.7
1.5
1.3
1.4
1.6
1.9
Time (40µs/div)
250
200
100
0
50
150
300
Output Voltage
Output Current
VRR1202xxx (VOUT=1.2V)
VRR1802xxx (VOUT=1.8V)
VRR2801xxx (VOUT=2.8V)
VRR3001xxx (VOUT=3.0V)
3.3
3.2
3.0
2.8
2.9
3.1
3.4
Time (40µs/div)
Output Voltage
Output Current
250
200
100
0
50
150
300
VRR3301xxx (VOUT=3.3V)
VIN=EN=VOUT+1.0V
Tr=Tf=5µs, Ta=25°C, CIN=CL=1.0µF
VIN=EN=VOUT+1.0V
Tr=Tf=5µs, Ta=25°C, CIN=CL=1.0µF
VIN=EN=VOUT+1.0V
Tr=Tf=5µs, Ta=25°C, CIN=CL=1.0µF
VIN=EN=VOUT+1.0V
Tr=Tf=5µs, Ta=25°C, CIN=CL=1.0µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com