Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS8108 Datasheet(PDF) 4 Page - Princeton Technology Corp

Part # FS8108
Description  Low Power Phase-Locked Loop IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

FS8108 Datasheet(HTML) 4 Page - Princeton Technology Corp

  FS8108 Datasheet HTML 1Page - Princeton Technology Corp FS8108 Datasheet HTML 2Page - Princeton Technology Corp FS8108 Datasheet HTML 3Page - Princeton Technology Corp FS8108 Datasheet HTML 4Page - Princeton Technology Corp FS8108 Datasheet HTML 5Page - Princeton Technology Corp FS8108 Datasheet HTML 6Page - Princeton Technology Corp FS8108 Datasheet HTML 7Page - Princeton Technology Corp FS8108 Datasheet HTML 8Page - Princeton Technology Corp FS8108 Datasheet HTML 9Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
FS8108
Page 4
Jan 2003
Absolute Maximum Ratings
V
SS = 0 V
Recommended Operating Conditions
V
SS = 0 V
Parameter
Symbol
Rating
Unit
Supply voltage
V
DD1
V
SS – 0.3 to VSS + 2.0
V
V
DD2
V
SS – 0.3 to VSS + 7.0
V
Input voltage range
V
FIN
V
SS – 0.3 to VDD + 0.3
V
Operating temperature range
T
OPR
–10 to 60
oC
Storage temperature range
T
STG
–40 to 125
oC
Soldering temperature range
T
SLD
255
oC
Soldering time range
t
SLD
10
s
Parameter
Symbol
Value
Unit
min.
typ.
max.
Supply voltage range
V
DD1
0.95
1.0
2.0
V
V
DD2
2.0
3.0
3.3
V
Operating temperature
T
A
–10
25
60
oC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com