Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRR5002LSX Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # VRR5002LSX
Description  CMOS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VRR5002LSX Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button VRR5002LSX Datasheet HTML 21Page - List of Unclassifed Manufacturers VRR5002LSX Datasheet HTML 22Page - List of Unclassifed Manufacturers VRR5002LSX Datasheet HTML 23Page - List of Unclassifed Manufacturers VRR5002LSX Datasheet HTML 24Page - List of Unclassifed Manufacturers VRR5002LSX Datasheet HTML 25Page - List of Unclassifed Manufacturers VRR5002LSX Datasheet HTML 26Page - List of Unclassifed Manufacturers VRR5002LSX Datasheet HTML 27Page - List of Unclassifed Manufacturers VRR5002LSX Datasheet HTML 28Page - List of Unclassifed Manufacturers VRR5002LSX Datasheet HTML 29Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 27 / 29 page
background image
AnaSem Inc.
26
Rev. C09-08
VRR 系列
高速度
, 低压差, ±1% 高输出精度 配ON/OFF开关电路CMOS稳压器
.......... Future of the analog world
IC封装尺寸 (SSOT-25 : R-类)
(单位 : mm)
2.0±0.1
1.3±0.2
(Marked Side)
0.25
+0.15
–0.10
0.25
+0.15
–0.10
0.125
+0.10
–0.05
0.9±0.1
0.65
0.65
1.1 max.
2.0±0.1
0.25
+0.15
–0.10
贴装尺寸建议
0.4
1.3
0.65
0.4
0.65
0.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com