Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT2260-R2S Datasheet(PDF) 5 Page - Princeton Technology Corp

Part # PT2260-R2S
Description  Remote Control Encoder
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2260-R2S Datasheet(HTML) 5 Page - Princeton Technology Corp

  PT2260-R2S Datasheet HTML 1Page - Princeton Technology Corp PT2260-R2S Datasheet HTML 2Page - Princeton Technology Corp PT2260-R2S Datasheet HTML 3Page - Princeton Technology Corp PT2260-R2S Datasheet HTML 4Page - Princeton Technology Corp PT2260-R2S Datasheet HTML 5Page - Princeton Technology Corp PT2260-R2S Datasheet HTML 6Page - Princeton Technology Corp PT2260-R2S Datasheet HTML 7Page - Princeton Technology Corp PT2260-R2S Datasheet HTML 8Page - Princeton Technology Corp PT2260-R2S Datasheet HTML 9Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2260 V1.4
- 5 -
April, 2006
Remote Control Encoder
PT2260
FUNCTION DESCRIPTION
PT2260 encodes the code address and data set at A0 ~ A7, A8/D3, A9/D2, D1 and D0 into a special
waveform and outputs it to the DOUT when any of the data pins is tied to high. This waveform is fed to
the RF modulator for transmission. The transmitted radio frequency is received by the RF demodulator
and reshaped into the special waveform. PT2270 (or PT2272) is then used to decode the waveform
and set the corresponding output pin(s). Thus completing a remote control encoding and decoding
function.
RF OPERATION
CODE BITS
A Code Bit is the basic component of the encoded waveform, and can be classified as either an AD
(Address/Data) Bit or a SYNC (Synchronous) Bit.
Address/Data (AD) Bit Waveform
An AD Bit can be designated as Bit “0”, “1”, or “f” if it is in low, high or floating state respectively. One bit
waveform consists of 2 pulse cycles. Each pulse cycle has 512 oscillating clock periods. For further
details, please refer to the diagram below:
α
1 bit = 10 24
α
12 8
α
12 8
α
38 4
α
OSC
Bit"0 "
Bit"1 "
Bit"f"
Flo a ting
where:
α=Oscillating Clock Period
Synchronous (Sync.) Bit Waveform
The Synchronous Bit Waveform is 4 bits long with 1/8 bit width pulse. Please refer to the diagram
below:
1 /8 bit w idth=128
α
4 bits w idth=40 96
α
Note: 1 bit=1024
α



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com