Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT2272 Datasheet(PDF) 13 Page - Princeton Technology Corp

Part # PT2272
Description  Remote Control Decoder
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2272 Datasheet(HTML) 13 Page - Princeton Technology Corp

Back Button PT2272 Datasheet HTML 9Page - Princeton Technology Corp PT2272 Datasheet HTML 10Page - Princeton Technology Corp PT2272 Datasheet HTML 11Page - Princeton Technology Corp PT2272 Datasheet HTML 12Page - Princeton Technology Corp PT2272 Datasheet HTML 13Page - Princeton Technology Corp PT2272 Datasheet HTML 14Page - Princeton Technology Corp PT2272 Datasheet HTML 15Page - Princeton Technology Corp PT2272 Datasheet HTML 16Page - Princeton Technology Corp PT2272 Datasheet HTML 17Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2272 V3.7
- 13 -
June, 2008
Remote Control Decoder
PT2272
ABSLOUTE MAXIMUM RATINGS
Parameter
Symbol
Rating
Unit
Supply Voltage
VCC
-0.3 ~ 16.0
V
Input Voltage
VI
-0.3 ~ VCC+0.3
V
Output Voltage
VO
-0.3 ~ VCC+0.3
V
Operating Temperature
Topr
-40 ~ +85
℃
Storage Temperature
Tstg
-65 ~ 150
℃
DC ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Supply Voltage
VCC
-
4
-
15
V
Stand-by Current
ISB
VCC = 12V
DIN = 0V
OSC1 = 0V
-
0.1
1
µA
VCC = 5V
VOH = 3V
-3
-
-
mA
VCC = 8V
VOH = 4V
-6
-
-
mA
DOUT Output Driving Current
IOH
VCC = 12V
VOH = 6V
-10
-
-
mA
VCC = 5V
VOH = 3V
2
-
-
mA
VCC = 8V
VOH = 4V
5
-
-
mA
DOUT Output Sinking Current
IOL
VCC = 12V
VOH = 6V
9
-
-
mA
“H” Input Voltage
VIH
VCC
0.7VCC
-
VCC
V
“L” Input Voltage
VIL
VCC
0
-
0.3VCC
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com