Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRD50PLX Datasheet(PDF) 29 Page - List of Unclassifed Manufacturers

Part # VRD50PLX
Description  CMOS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VRD50PLX Datasheet(HTML) 29 Page - List of Unclassifed Manufacturers

Back Button VRD50PLX Datasheet HTML 25Page - List of Unclassifed Manufacturers VRD50PLX Datasheet HTML 26Page - List of Unclassifed Manufacturers VRD50PLX Datasheet HTML 27Page - List of Unclassifed Manufacturers VRD50PLX Datasheet HTML 28Page - List of Unclassifed Manufacturers VRD50PLX Datasheet HTML 29Page - List of Unclassifed Manufacturers VRD50PLX Datasheet HTML 30Page - List of Unclassifed Manufacturers VRD50PLX Datasheet HTML 31Page - List of Unclassifed Manufacturers VRD50PLX Datasheet HTML 32Page - List of Unclassifed Manufacturers VRD50PLX Datasheet HTML 33Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
AnaSem Inc.
28
Rev. C09-08
VRD 系列
高速度
, 低压差, ±1% 高输出精度 CMOS双路稳压器
.......... Future of the analog world
一般特征
– 输出嘈音抑制比
VRD (VOUT=1.5V)
0.01
Ripple Frequency : f (KHz)
VIN=EN=(VOUT+1.0)Vdc+0.5Vp-pac
IOUT=30mA, Ta=25°C, CIN=CL=1.0µF
0.1
1
10
100
1000
VRD (VOUT=1.8V)
0.01
Ripple Frequency : f (KHz)
VIN=EN=(VOUT+1.0)Vdc +0.5Vp-pac
IOUT=30mA, Ta=25°C, CIN=CL=1.0µF
0.1
1
10
100
1000
VRD (VOUT=2.8V)
0.01
Ripple Frequency : f (KHz)
VIN=EN=(VOUT+1.0)Vdc +0.5Vp-pac
IOUT=30mA, Ta=25°C, CIN=CL=1.0µF
0.1
1
10
100
1000
120
110
100
90
80
70
60
50
40
30
20
10
0
120
110
100
90
80
70
60
50
40
30
20
10
0
120
110
100
90
80
70
60
50
40
30
20
10
0
VRD (VOUT=3.3V)
0.01
Ripple Frequency : f (KHz)
VIN=EN=(VOUT+1.0)Vdc +0.5Vp-pac
IOUT=30mA, Ta=25°C, CIN=CL=1.0µF
0.1
1
10
100
1000
120
110
100
90
80
70
60
50
40
30
20
10
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com