Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT6522 Datasheet(PDF) 11 Page - Princeton Technology Corp

Part # PT6522
Description  LCD Display Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT6522 Datasheet(HTML) 11 Page - Princeton Technology Corp

Back Button PT6522 Datasheet HTML 5Page - Princeton Technology Corp PT6522 Datasheet HTML 6Page - Princeton Technology Corp PT6522 Datasheet HTML 7Page - Princeton Technology Corp PT6522 Datasheet HTML 8Page - Princeton Technology Corp PT6522 Datasheet HTML 9Page - Princeton Technology Corp PT6522 Datasheet HTML 10Page - Princeton Technology Corp PT6522 Datasheet HTML 11Page - Princeton Technology Corp PT6522 Datasheet HTML 12Page - Princeton Technology Corp PT6522 Datasheet HTML 13Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
PT6522
V1.6
11
August 2010
PACKAGE INFORMATION
64 PINS, QFP PACKAGE
(BODY SIZE: 14mm x 14mm, PITCH: 0.80mm)
Symbol
Min.
Nom.
Max.
A
-
-
3.15
A1
0.00
-
0.25
A2
1.90
-
2.90
b
0.29
0.35
0.41
c
0.11
-
0.23
D
17.20 BSC
D1
14.00 BSC
E
17.20 BSC
E1
14.00 BSC
e
0.80 BSC
L
0.65
-
1.05
L1
1.60 REF
θ
0°
-
8°
Notes:
1. Refer to JEDEC MC-022BE
2. All dimensions are in millimeter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com