Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT6525 Datasheet(PDF) 3 Page - Princeton Technology Corp

Part # PT6525
Description  1/3 Duty General Purpose LCD Driver IC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT6525 Datasheet(HTML) 3 Page - Princeton Technology Corp

  PT6525 Datasheet HTML 1Page - Princeton Technology Corp PT6525 Datasheet HTML 2Page - Princeton Technology Corp PT6525 Datasheet HTML 3Page - Princeton Technology Corp PT6525 Datasheet HTML 4Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Tel:886-2-66296288
Fax:886-2-29174598
URL:http://www.princeton.com.tw
PT6525 v1.0
- 3 -
March, 2007
1/3 Duty General Purpose LCD Driver IC
PT6525
APPLICATION CIRCUITS
1/3 BIAS (FOR SMALL DISPLAY PANEL)
Note: 39K
Ω
≥ R1 ≥ 10KΩ



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com