Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT6526 Datasheet(PDF) 21 Page - Princeton Technology Corp

Part # PT6526
Description  LCD Driver IC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT6526 Datasheet(HTML) 21 Page - Princeton Technology Corp

Back Button PT6526 Datasheet HTML 16Page - Princeton Technology Corp PT6526 Datasheet HTML 17Page - Princeton Technology Corp PT6526 Datasheet HTML 18Page - Princeton Technology Corp PT6526 Datasheet HTML 19Page - Princeton Technology Corp PT6526 Datasheet HTML 20Page - Princeton Technology Corp PT6526 Datasheet HTML 21Page - Princeton Technology Corp PT6526 Datasheet HTML 22Page - Princeton Technology Corp PT6526 Datasheet HTML 23Page - Princeton Technology Corp PT6526 Datasheet HTML 24Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
PT6526
V1.1
21
November 2009
ELECTRICAL CHARACTERISTICS
(Unless otherwise stated, Ta=25
oC, Vss=0V)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Hysteresis
VH
CE, CLK, DI, /INH
-
0.1VDD
-
V
High Level Input
Current
IIH
CE, CLK, DI, /INH
VI=6.0V
-
-
5.0
µA
Low Level Input
Current
IIL
CE, CLK, DI, /INH
VI=0V
-5.0
-
-
µA
High Level Output
Voltage
VOH1
SG1 to SG51
Io=-20µA
VDD-1.0
-
-
V
VOH2
COM1 to COM2
Io=-100µA
VDD-1.0
-
-
V
VOH3
P1 to P12
Io=-1mA
VDD-1.0
-
-
V
Low Level Output
Voltage
VOL1
SG1 to SG51
Io=20µA
-
-
1.0
V
VOL2
COM1 to COM4
Io=100µA
-
-
1.0
V
VOL3
P1 to P12
Io=1mA
-
-
1.0
V
Middle Level Output
Voltage
VMID1
COM1 to COM4
1/2 Bias, Io=±100µA
1/2VDD-1.0
-
1/2VDD+1.0
V
VMID2
SG1 to SG51
1/3 Bias, Io=±20µA
2/3VDD-1.0
-
2/3VDD+1.0
V
VMID3
SG1 to SG51
1/3 Bias, Io=±20µA
1/3VDD-1.0
-
1/3VDD+1.0
V
VMID4
COM1 to COM4
1/3 Bias, Io=±100µA
2/3VDD-1.0
-
2/3VDD+1.0
V
VMID5
COM1 to COM4
1/3 Bias, Io=±100µA
1/3VDD-1.0
-
1/3VDD+1.0
V
Oscillation Fequency
Fosc
OSC
Rosc=270KΩ, Cosc=100pF
40
50
60
KHz
Current Drain
IDD1
Power Saving Mode
-
-
5
µA
IDD2
VDD=6V
Outputs Open
1/2 Bias, fosc=50KHZ
Control Data CU=0
-
200
400
µA
IDD3
VDD=6.0V
Outputs Open
1/3 Bias, fosc=50KHz
Control Data CU=0
-
250
500
µA
IDD4
VDD=6.0V
Outputs Open
1/2 Bias, fosc=50KHz
Control Data CU=1
-
130
260
µA
IDD5
VDD=6.0
Outputs Open
1/3 Bias, fosc=50KHz
Control Data CU=1
-
150
300
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com