Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT6552 Datasheet(PDF) 13 Page - Princeton Technology Corp

Part # PT6552
Description  쩍 Duty LCD Driver with On-Chip Key Input Function
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT6552 Datasheet(HTML) 13 Page - Princeton Technology Corp

Back Button PT6552 Datasheet HTML 9Page - Princeton Technology Corp PT6552 Datasheet HTML 10Page - Princeton Technology Corp PT6552 Datasheet HTML 11Page - Princeton Technology Corp PT6552 Datasheet HTML 12Page - Princeton Technology Corp PT6552 Datasheet HTML 13Page - Princeton Technology Corp PT6552 Datasheet HTML 14Page - Princeton Technology Corp PT6552 Datasheet HTML 15Page - Princeton Technology Corp PT6552 Datasheet HTML 16Page - Princeton Technology Corp PT6552 Datasheet HTML 17Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
PT6552
V1.3
13
July 2010
OUTPUT PIN STATES DURING THE RESET PERIOD (WHEN /RES IS
LOW)
Output Pin
State During Reset
SG1/P1 to SG4/P4
L *1
SG5 to SG43
L
COM1, COM2
L
KS1/SG44, KS2/SG45
L *1
KS3 to KS5
X *2
KS6
H
DO
H *3
X: don’t care
Notes:
*1: These output pins are forcibly set to the segment output mode and held low.
*2: Immediately following power on, these output pins are undefined until the control data S0 and S1 has been sent.
*3: Since this output pin is an open-drain output, a pull-up resistor of between 1k and 10KΩ is required. This pin is held high during the reset period
even if key data is read.
NOTE ON CONTROLLER DISPLAY DATA TRANSFER
The PT6552 transfers the display data (D1 to D90) in two operations. To assure visual display quality, all the display data
should be sent within a 30ms or shorter period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com