Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBP005 Datasheet(PDF) 1 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

Part # KBP005
Description  SINGLE PHASE BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PFS [Shenzhen Ping Sheng Electronics Co., Ltd.]
Direct Link  http://ps-pfs.en.alibaba.com/
Logo PFS - Shenzhen Ping Sheng Electronics Co., Ltd.

KBP005 Datasheet(HTML) 1 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

  KBP005 Datasheet HTML 1Page - Shenzhen Ping Sheng Electronics Co., Ltd. KBP005 Datasheet HTML 2Page - Shenzhen Ping Sheng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SINGLE PHASE BRIDGE RECTIFIER
VOLTAGE RANGE
50 to 1000 Volts
RS201 THRU RS207
KBP005 THRUKBP10
CURRENT
2.0 Ampere
1
-
0.600(15.2)
0.726(14.2)
0.039(1.0)
0.055(1.4)
0.60(15.2)MIN
0.034(0.86)DIA.
0.028(0.71)TYP.
AC
+
0.20(5.1)
0.18(4.6)
0.160(4.1)
0.140(3.6)
0.5( 2.7)MIN
0.460(11.7)
0.420(10.7)
Dimensions in inches and (millimeters)
FEATURES
•
Low cost
•
This series in UL recognized under component
index, file number E127707
•
High forward surge current capacity
•
Ideal for printed circuit board
•
High temperature soldering guaranteed:
260
OC / 10 seconds, 0.375”(9.5mm) lead length
at 5 lbs. (2.3kg) tension.
MECHANICAL DATA
•
Case: Transfer molded plastic
•
Terminal: Lead solderable per MIL-STD-202E
method 208C
•
Polarity: Polarity symbols marked on case
•
Mounting position: Any.
•
Weight: 0.069 ounce, 1.95gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
•
Ratings at 25
OC ambient temperature unless otherwise specified
•
Single Phase, half wave, 60Hz, resistive or inductive load
•
For capacitive load derate current by 20%
SYMBOLS
RS201
KBP005
RS202
KBP01
RS203
KBP02
RS204
KBP04
RS205
KBP06
RS206
KBP08
RS207
KBP10
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
Volts
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
Volts
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
Volts
Maximum Average Forward Rectified Output
Current, at TA=50℃(Note2)
I(AV)
2.0
Amps
Peak Forward Surge Current
8.3mS single half sine wave superimposed on
rated load (JEDEC method)
IFSM
50
Amps
Rating for Fusing (t<8.3mS)
I
2t
10
A
2s
Maximum Instantaneous Forward Voltage Drop
per Bridge element at 1.0 A
VF
1.0
Volts
TA = 25 ℃
10
µA
Maximum DC Reverse Current
at Rated
DC Blocking Voltage per element
TA = 100 ℃
IR
0.5
mA
Typical Junction Resistance per element(Note1)
Cj
20
Volts
Typical Thermal Resistance per element (Note2)
RθJA
28
℃/W
Operating and Storage Temperature Rang
TSTG .TJ
-55 to +150
℃
Notes:
1.
Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts.
2.
Unit mounted on P.C.board with 0.47”x0.47”(12x12cm) copper pads.0.375”(9.5mm) lead length.
Web Site:
WWW.PS-PFS.COM


Similar Part No. - KBP005

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
KBP005 SSE-KBP005 Datasheet
14Kb / 1P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
KBP005 CHENYI-KBP005 Datasheet
156Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
KBP005 CHENYI-KBP005 Datasheet
139Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
KBP005 CHENYI-KBP005 Datasheet
134Kb / 2P
SINGLE PHASE GLASS BRIDGE RECTIFIER
logo
Dc Components
KBP005 DCCOM-KBP005 Datasheet
381Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
More results

Similar Description - KBP005

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
KBU4A GE-KBU4A Datasheet
83Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER
logo
Microsemi Corporation
1N4436 MICROSEMI-1N4436 Datasheet
111Kb / 3P
Single Phase Bridge Rectifier
logo
IXYS Corporation
VBO25 IXYS-VBO25 Datasheet
87Kb / 2P
Single Phase Rectifier Bridge
VBO13 IXYS-VBO13 Datasheet
84Kb / 2P
Single Phase Rectifier Bridge
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Solid States Devices, I...
SDA276A SSDI-SDA276A Datasheet
80Kb / 2P
SINGLE PHASE BRIDGE RECTIFIER
logo
Microsemi Corporation
1N4436 MICROSEMI-1N4436_07 Datasheet
117Kb / 2P
Single Phase Bridge Rectifier
logo
Naina Semiconductor ltd...
25MB NAINA-25MB Datasheet
105Kb / 2P
Single Phase Bridge Rectifier
logo
Diotec Semiconductor
KBPC1500FW DIOTEC-KBPC1500FW_18 Datasheet
392Kb / 2P
Single Phase Bridge Rectifier
logo
IXYS Corporation
VBO20 IXYS-VBO20 Datasheet
185Kb / 2P
Single Phase Rectifier Bridge
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com