Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZMM2.7 Datasheet(PDF) 1 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

Part # ZMM2.7
Description  ZENER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PFS [Shenzhen Ping Sheng Electronics Co., Ltd.]
Direct Link  http://ps-pfs.en.alibaba.com/
Logo PFS - Shenzhen Ping Sheng Electronics Co., Ltd.

ZMM2.7 Datasheet(HTML) 1 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

  ZMM2.7 Datasheet HTML 1Page - Shenzhen Ping Sheng Electronics Co., Ltd. ZMM2.7 Datasheet HTML 2Page - Shenzhen Ping Sheng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
♦ Silicon Planar Zener Diodes
♦ In Mini-MELF case especially for automatic insertion.
♦ The Zener voltages are graded according to the
international E 24 standard. Smaller voltage
tolerances and other Zener voltages are available
upon request.
♦ These diodes are also available in DO-35 case with the type
designation ZPD1 … ZPD51.
MECHANICAL DATA
Case: Mini-MELF Glass Case (SOD-80)
Weight: approx. 0.05 g
MAXIMUM RATINGS
Ratings at 25°C ambient temperature unless otherwise specified.
SYMBOL
VALUE
UNIT
Zener Current (see Table “Characteristics”)
Power Dissipation at Tamb = 25°C
Ptot
500(1)
mW
Junction Temperature
Tj
175
°C
Storage Temperature Range
TS
– 55 to +175
°C
ZMM1 THRU ZMM75
ZENER DIODES
.142 (3.6)
.019 (0.48)
Cathode Mark
.134 (3.4)
.011 (0.28)
Mini-MELF
Dimensions are in inches and (millimeters)
SYMBOL
MIN.
TYP.
MAX.
UNIT
Thermal Resistance
RthJA
–
–
0.3(1)
°C/W
Junction to Ambient Air
NOTES:
(1) Valid provided that electrodes are kept at ambient temperature.
Web Site: WWW.PS-PFS.COM


Similar Part No. - ZMM2.7

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ZMM2.7 SEMTECH-ZMM2.7 Datasheet
594Kb / 8P
SILICON PLANAR POWER ZENER DIODES?
logo
General Semiconductor
ZMM2.7 GE-ZMM2.7 Datasheet
351Kb / 8P
Silicon Planar Zener Diodes
logo
Diotec Semiconductor
ZMM2.7 DIOTEC-ZMM2.7 Datasheet
1Mb / 4P
Surface mount Silicon Planar Zener Diodes
logo
EIC discrete Semiconduc...
ZMM2.7 EIC-ZMM2.7 Datasheet
36Kb / 2P
ZENER DIODES
logo
Diotec Semiconductor
ZMM2.7 DIOTEC-ZMM2.7 Datasheet
94Kb / 2P
Surface mount Silicon Planar Zener Diodes
More results

Similar Description - ZMM2.7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
ZENER DIODES DIODES ZENER
logo
EIC discrete Semiconduc...
1N4728CG EIC-1N4728CG Datasheet
33Kb / 2P
ZENER DIODES
HZ6L EIC-HZ6L Datasheet
30Kb / 2P
ZENER DIODES
logo
Fairchild Semiconductor
FLZ2V2_0609 FAIRCHILD-FLZ2V2_0609 Datasheet
625Kb / 8P
Zener Diodes
logo
Galaxy Semi-Conductor H...
BZG03C BILIN-BZG03C Datasheet
106Kb / 3P
ZENER DIODES
DL4728 BILIN-DL4728 Datasheet
195Kb / 3P
ZENER DIODES
BZY97 BILIN-BZY97 Datasheet
239Kb / 5P
ZENER DIODES
U1ZB6.8 BILIN-U1ZB6.8 Datasheet
155Kb / 3P
ZENER DIODES
logo
GOOD-ARK Electronics
ZPD1 GOOD-ARK-ZPD1 Datasheet
414Kb / 9P
Zener Diodes
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
ZENER DIODES Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com