Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZMM3.3 Datasheet(PDF) 2 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

Part # ZMM3.3
Description  ZENER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PFS [Shenzhen Ping Sheng Electronics Co., Ltd.]
Direct Link  http://ps-pfs.en.alibaba.com/
Logo PFS - Shenzhen Ping Sheng Electronics Co., Ltd.

ZMM3.3 Datasheet(HTML) 2 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

  ZMM3.3 Datasheet HTML 1Page - Shenzhen Ping Sheng Electronics Co., Ltd. ZMM3.3 Datasheet HTML 2Page - Shenzhen Ping Sheng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ZMM1(3)
0.7 ... 0.8
6.5 (< 8)
< 50
– 26 ... – 23
–
280
340
ZMM2.7
2.5 ... 2.9
75 (< 83)
< 500
– 9 ... – 4
–
135
160
ZMM3
2.8 ... 3.2
80 (< 95)
< 500
– 9 ... – 3
–
117
140
ZMM3.3
3.1 ... 3.5
80 (< 95)
< 500
– 8 ... – 3
–
109
130
ZMM3.6
3.4 ... 3.8
80 (< 95)
< 500
– 8 ... – 3
–
101
120
ZMM3.9
3.7 ... 4.1
80 (< 95)
< 500
– 7 ... – 3
–
92
110
ZMM4.3
4.0 ... 4.6
80 (< 95)
< 500
– 6 ... – 1
–
85
100
ZMM4.7
4.4 ... 5.0
70 (< 78)
< 500
– 5 ... +2
–
76
90
ZMM5.1
4.8 ... 5.4
30 (< 60)
< 480
– 3 ... +4
> 0.8
67
80
ZMM5.6
5.2 ... 6.0
10 (< 40)
< 400
– 2 ... +6
> 1
59
70
ZMM6.2
5.8 ... 6.6
4.8 (< 10)
< 200
– 1 ... +7
> 2
54
64
ZMM6.8
6.4 ... 7.2
4.5 (< 8)
< 150
+2 ... +7
> 3
49
58
ZMM7.5
7.0 ... 7.9
4 (< 7)
< 50
+3 ... +7
> 5
44
53
ZMM8.2
7.7 ... 8.7
4.5 (< 7)
< 50
+4 ... +7
> 6
40
47
ZMM9.1
8.5 ... 9.6
4.8 (< 10)
< 50
+5 ... +8
> 7
36
43
ZMM10
9.4 ... 10.6
5.2 (< 15)
< 70
+5 ... +8
> 7.5
33
40
ZMM11
10.4 ... 11.6
6 (< 20)
< 70
+5 ... +9
> 8.5
30
36
ZMM12
11.4 ... 12.7
7 (< 20)
< 90
+6 ... +9
> 9
28
32
ZMM13
12.4 ... 14.1
9 (< 25)
< 110
+7 ... +9
> 10
25
29
ZMM15
13.8 ... 15.6
11 (< 30)
< 110
+7 ... +9
> 11
23
27
ZMM16
15.3 ... 17.1
13 (< 40)
< 170
+8 ... +9.5
> 12
20
24
ZMM18
16.8 ... 19.1
18 (< 50)
< 170
+8 ... +9.5
> 14
18
21
ZMM20
18.8 ... 21.2
20 (< 50)
< 220
+8 ... +10
> 15
17
20
ZMM22
20.8 ... 23.3
25 (< 55)
< 220
+8 ... +10
> 17
16
18
ZMM24
22.8 ... 25.6
28 (< 80)
< 220
+8 ... +10
> 18
13
16
ZMM27
25.1 ... 28.9
30 (< 80)
< 250
+8 ... +10
> 20
12
14
ZMM30
28 ... 32
35 (< 80)
< 250
+8 ... +10
> 22.5
10
13
ZMM33
31 ... 35
40 (< 80)
< 250
+8 ... +10
> 25
9
12
ZMM36
34 ... 38
40 (< 90)
< 250
+8 ... +10
> 27
9
11
ZMM39
37 ... 41
50 (< 90)
< 300
+10 ... +12
> 29
8
10
ZMM43
40 ... 46
60 (< 100)
< 700
+10 ... +12
> 32
7
9.2
ZMM47
44 ... 50
70 (< 100)
< 750
+10 ... +12
> 35
6
8.5
ZMM51
48 ... 54
70 (< 100)
< 750
+10 ... +12
> 38
6
7.8
ZMM56
52.0 … 60.0(4)
<135(4)
<1000(5)
typ. +10(4)
––
–
ZMM62
58.0 … 66.0(4)
<150(4)
<1000(5)
typ. +10(4)
––
–
ZMM68
64.0 … 72.0(4)
<200(4)
<1000(5)
typ. +10(4)
––
–
ZMM75
70.0 … 79.0(4)
<250(4)
<1500(5)
typ. +10(4)
––
–
NOTES:
(1) Tested with pulses tp = 5 ms
(2) Valid provided that electrodes are kept at ambient temperature
(3) The ZMM1 is a silicon diode operated in forward direction. Hence, the index of all parameters should be “F” instead of “Z”
Connect the cathode electrode to the negative pole
(4) at IZ = 2.5 mA
(5) at IZ = 0.5 mA
ZMM1 THRU ZMM75
ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
Type
Zener Voltage(1)
at
IZ = 5 mA
VZ V
at
IZ = 5 mA
f = 1 kHz
rzj
Ω
at
IZ = 1 mA
f = 1 kHz
rzj
Ω
Temp. Coeff.
of Zener Voltage
at
IZ = 5 mA
α
VZ 10
–4/K
Reverse
Voltage
at
IR = 100 nA
VR V
at
Tamb = 45°C
IZ = mA
Admissable Zener current(2)
at
Tamb = 25°C
IZ = mA
Dynamic Resistance
Web Site: WWW.PS-PFS.COM



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com