Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

21DQ06 Datasheet(PDF) 2 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

Part # 21DQ06
Description  SCHOTTKY RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PFS [Shenzhen Ping Sheng Electronics Co., Ltd.]
Direct Link  http://ps-pfs.en.alibaba.com/
Logo PFS - Shenzhen Ping Sheng Electronics Co., Ltd.

21DQ06 Datasheet(HTML) 2 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

  21DQ06 Datasheet HTML 1Page - Shenzhen Ping Sheng Electronics Co., Ltd. 21DQ06 Datasheet HTML 2Page - Shenzhen Ping Sheng Electronics Co., Ltd. 21DQ06 Datasheet HTML 3Page - Shenzhen Ping Sheng Electronics Co., Ltd. 21DQ06 Datasheet HTML 4Page - Shenzhen Ping Sheng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
21DQ06
2
Part number
21DQ06
VR
Max. DC Reverse Voltage (V)
V
RWM
Max. Working Peak Reverse Voltage (V)
Voltage Ratings
60
Thermal-Mechanical Specifications
V
FM
Max. Forward Voltage Drop
0.53
0.60
V
@ 2A
(1)
0.67
0.75
V
@ 4A
0.49
0.55
V
@ 2A
0.61
0.67
V
@ 4A
I
RM
Max. Reverse Leakage Current
0.02
0.50
mA
TJ = 25 °C
(1)
7.0
10
mA
T
J
= 125 °C
C
T
Typical Junction Capacitance
120
pF
V
R
= 5V
DC
(test signal range100Khz to 1Mhz) 25°C
L
S
Typical Series Inductance
8.0
nH
Measured lead to lead 5mm from package body
T
J
= 25 °C
T
J
= 125 °C
V
R
= rated V
R
Electrical Specifications
(1) Pulse Width < 300µs, Duty Cycle <2%
Typ.
Max.
21DQ06
Parameters
Units
Conditions
I
F(AV)
Max. Average Forward Current
2
A
50% duty cycle @ T
C
= 106°C, rectangular wave form
* See Fig. 4
I
FSM
Max. Peak One Cycle Non-Repetitive
340
5µs Sine or 3µs Rect. pulse
Surge Current * See Fig. 6
60
10ms Sine or 6ms Rect. pulse
EAS
Non-Repetitive Avalanche Energy
4.0
mJ
TJ = 25 °C, IAS = 1 Amps, L = 8 mH
I
AR
Repetitive Avalanche Current
0.5
A
Current decaying linearly to zero in 1 µsec
Frequency limited by T
J
max. V
A
= 1.5 x V
R
typical
Absolute Maximum Ratings
Following any rated
load condition and with
rated V
RRM applied
A
Parameters
21DQ06
Units
Conditions
T
J
Max. Junction Temperature Range
-40 to 150
°C
T
stg
Max. Storage Temperature Range
-40 to 150
°C
R
thJA
Max. Thermal Resistance Junction
100
°C/W DC operation
to Ambient
Without cooling fin
R
thJL
Typical Thermal Resistance Junction
25
°C/W DC operation (See Fig. 4)
to Lead
wt
Approximate Weight
0.33(0.012) g (oz.)
Case Style
DO-204AL(DO-41)
Parameters
21DQ06 Units Conditions
<
thermal runaway condition for a diode on its own heatsink
(*) dPtot
1
dTj
Rth( j-a)
Web Site: WWW.PS-PFS.COM



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com