Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6A05 Datasheet(PDF) 1 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

Part # 6A05
Description  AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PFS [Shenzhen Ping Sheng Electronics Co., Ltd.]
Direct Link  http://ps-pfs.en.alibaba.com/
Logo PFS - Shenzhen Ping Sheng Electronics Co., Ltd.

6A05 Datasheet(HTML) 1 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

  6A05 Datasheet HTML 1Page - Shenzhen Ping Sheng Electronics Co., Ltd. 6A05 Datasheet HTML 2Page - Shenzhen Ping Sheng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
VOLTAGE RANGE
50 to 1000 Volts
6A05 THRU 6A10
CURRENT
6.0 Ampere
Web Site:
FEATURES
•
Low coat construction
•
Low forward voltage drop
•
Low reverse leakage
•
High forward surge current capability
•
High temperature soldering guaranteed:
260℃/10 secods/.375”(9.5mm)lead length at 5 lbs(2.3kg) tension
MECHANICAL DATA
•
Case: Transfer molded plastic
•
Epoxy: UL94V-O rate flame retardant
•
Polarity: Color band denotes cathode end
•
Lead: Plated axial lead, solderable per MIL-STD-202E method 208C
•
Mounting position: Any
•
Weight: 0.07 ounce, 2.0 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
•
Ratings at 25
OC ambient temperature unless otherwise specified
•
Single Phase, half wave, 60Hz, resistive or inductive load
•
For capacitive load derate current by 20%
SYMBOLS
6A05
6A1
6A2
6A4
6A6
6A8
6A10
UNITS
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
Volts
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
Volts
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
Volts
Maximum Average Forward Rectified Current
0.375”(9.5mm) lead length at TA= 60℃
I(AV)
6.0
Amps
Peak Forward Surge Current
8.3mS single half sine wave superimposed on
rated load (JEDEC method)
IFSM
300
Amps
Maximum Instantaneous Forward Voltage @ 6.0A
VF
0.95
Volts
TA = 25℃
10
Maximum DC Reverse Current at Rated
DC Blocking Voltage per element
TA = 100℃
IR
1.0
µAmps
mAmps
Maximum Full Load Reverse Current, full cycle average
0.375”(9.5mm)lead length at TL=105℃
IR(AV)
1.0
mAmps
Typical Junction Capacitance (Note 1)
CJ
150
pF
Typical Thermal Resistance (Note 2)
RθJA
10
℃
/W
Operating Junction Temperature Range
TJ,TSTG
-55 to +150
℃
Notes:
1.
Measured at 1.0MHz and Applied Reverse Voltage of 4.0V Volts.
2.
Thermal Resistance from junction to Ambient at .375”(9.5mm)lead length, P.C.board mounted with 1.1”× 1.1”(30×
30mm)copper heatsink .
DIA
.360(9.1)
.340(8.6)
1.0(25.4)
MIN.
DIA
.052(1.3)
.048(1.2)
.360(9.1)
.340(8.6)
1.0(25.4)
MIN.
Dimensions in inches and (millimeters)
WWW.PS-PFS.COM


Similar Part No. - 6A05

ManufacturerPart #DatasheetDescription
logo
Surge Components
6A05 SURGE-6A05 Datasheet
125Kb / 2P
6.0 AMPS. SILICON RECTIFIERS????
logo
Rectron Semiconductor
6A05 RECTRON-6A05 Datasheet
24Kb / 2P
SILICON RECTIFIER
logo
Jinan Gude Electronic D...
6A05 JGD-6A05 Datasheet
149Kb / 2P
6.0 AMP.SILICON RECTIFIERS
logo
Bytes
6A05 BYTES-6A05 Datasheet
150Kb / 2P
6.0 AMP SILICON RECTIFIERS
logo
Dc Components
6A05 DCCOM-6A05 Datasheet
449Kb / 2P
TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
More results

Similar Description - 6A05

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
1N4001G MIC-1N4001G Datasheet
47Kb / 2P
AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
1N5400 MIC-1N5400 Datasheet
49Kb / 2P
AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
6A05G MIC-6A05G Datasheet
49Kb / 2P
AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
6A05S MIC-6A05S Datasheet
56Kb / 2P
AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
BY127 MIC-BY127 Datasheet
45Kb / 2P
AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
EM513 MIC-EM513 Datasheet
50Kb / 2P
AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
RL251 MIC-RL251 Datasheet
46Kb / 2P
AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
logo
Shenzhen Ping Sheng Ele...
RL251 PFS-RL251 Datasheet
164Kb / 2P
AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
RL151 PFS-RL151 Datasheet
161Kb / 2P
AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
BY127 PFS-BY127_1 Datasheet
158Kb / 2P
AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com