Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FR202 Datasheet(PDF) 1 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

Part # FR202
Description  FAST RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PFS [Shenzhen Ping Sheng Electronics Co., Ltd.]
Direct Link  http://ps-pfs.en.alibaba.com/
Logo PFS - Shenzhen Ping Sheng Electronics Co., Ltd.

FR202 Datasheet(HTML) 1 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

  FR202 Datasheet HTML 1Page - Shenzhen Ping Sheng Electronics Co., Ltd. FR202 Datasheet HTML 2Page - Shenzhen Ping Sheng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Low cost construction.
Fast switching for high efficiency.
Low reverse leakage
High forward surge current capability.
260
/10 seconds, 0.375" (9.5mm)lead length
at 5 lbs (2.3kg) tension.
MECHANICAL DATA
Case: transfer molded plastic
Epoxy: UL94V - 0 rate flame retardant.
Polarity: Color band denotes cathode end.
Lead: Plated axial lead, solderable per MIL - STD - 202E
method 208C
Mounting position: Any
Weight: 0.014 ounce, 0.39grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load derate current by 20%
SYMBOLS FR201 FR202 FR203 FR204 FR205 FR26 FR207
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600


Volts
Maximum RMS Voltage
VRMS
35
70
140
280
420


Volts
Maximum DC Blocking Voltage
VDC
50
100
200
400
600


Volts
Maximum Average Forward Rectified Current,
0.375" (9.5mm) lead length at TA =75

Peak Forward Surge Current
8.3ms single half sine - wave superimposed on
rated load (JEDEC method )
Maximum Instantaneous Forward Voltage at 2.0A
VF
Volts
Maximum DC Reverse Current at rated
TA = 25

DC blocking voltage
TA

Maximum Reverse Recovery Time (Note 3) Tj = 25

trr
500
nS
Typical Junction Capacitance (Note 1)
CJ
pF
Typical Thermal Resistance (Note2)
R
/W
Operating and Storage Temperature Range
TJ

Storage Temperature Range
TSTG

NOTES:
1. Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts.
2. Thermal Resistance from Junction to Ambient at 0.375" (9.5mm) lead length, P.C. board mounted.
3. Reverse Recovery Test Condition: IF =0.5A, IR = 1.0A, IRR = 0.25A
High temperature soldering guaranteed:

25
40
(-65 to +150)

150
250



IR
I(AV)
IFSM
(-65 to +150)
A
Amps
Amps
FAST RECOVERY RECTIFIER
VOLTAGE
RANGE
50
to 1000
Volts
CURRENT
2.0 Ampere
FR201
THRU
FR207
Web Site: WWW.PS-PFS.COM


Similar Part No. - FR202

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
FR202 WTE-FR202 Datasheet
46Kb / 3P
2.0A FAST RECOVERY RECTIFIER
logo
Rectron Semiconductor
FR202 RECTRON-FR202 Datasheet
24Kb / 2P
FAST RECOVERY RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes)
logo
Jinan Gude Electronic D...
FR202 JGD-FR202 Datasheet
141Kb / 2P
2.0 AMPS. FAST RECOVRY RECTIFIERS
logo
Bytes
FR202 BYTES-FR202 Datasheet
152Kb / 2P
2.0 AMP FAST RECOVERY RECTIFIERS
logo
Dc Components
FR202 DCCOM-FR202 Datasheet
443Kb / 2P
TECHNICAL SPECIFICATIONS OF FAST RECOVERY RECTIFIER
More results

Similar Description - FR202

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
FR101 CHENYI-FR101 Datasheet
163Kb / 2P
FAST RECOVERY RECTIFIER
FR301 CHENYI-FR301 Datasheet
122Kb / 2P
FAST RECOVERY RECTIFIER
logo
Mospec Semiconductor
FR101 MOSPEC-FR101 Datasheet
189Kb / 2P
FAST RECOVERY RECTIFIER
logo
Galaxy Semi-Conductor H...
FR101 BILIN-FR101 Datasheet
65Kb / 2P
FAST RECOVERY RECTIFIER
RGP10A BILIN-RGP10A Datasheet
63Kb / 2P
FAST RECOVERY RECTIFIER
PG101 BILIN-PG101 Datasheet
62Kb / 2P
FAST RECOVERY RECTIFIER
PR1001 BILIN-PR1001 Datasheet
54Kb / 2P
FAST RECOVERY RECTIFIER
3JH45 BILIN-3JH45 Datasheet
57Kb / 2P
FAST RECOVERY RECTIFIER
3JH61 BILIN-3JH61 Datasheet
59Kb / 2P
FAST RECOVERY RECTIFIER
BY500-100 BILIN-BY500-100 Datasheet
63Kb / 2P
FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com