Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FR206 Datasheet(PDF) 2 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

Part # FR206
Description  FAST RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PFS [Shenzhen Ping Sheng Electronics Co., Ltd.]
Direct Link  http://ps-pfs.en.alibaba.com/
Logo PFS - Shenzhen Ping Sheng Electronics Co., Ltd.

FR206 Datasheet(HTML) 2 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

  FR206 Datasheet HTML 1Page - Shenzhen Ping Sheng Electronics Co., Ltd. FR206 Datasheet HTML 2Page - Shenzhen Ping Sheng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
100
FIG.5-TYPICAL JUNCTION CAPACITANCE
0.1
0.1
1
10
REVRESE VOLTAGE,(V)
1.0
10
p-p
=50mV
j
V
T =25 ° C
sig
f=1MHz
INSTANTANEOUS FORWARD VOLTAGE,(V)
100
0.4
0.01
1.2
0.8
0.6
1.0
1.4
1.6
1.8
FIG.3-TYPICAL INSTANTANEOUS
1.0
20
10
T =25 ° C
1% Duty Cycle
Pulse Width=300uS
j
FORWARD CHARACTERISTICS
0.375"(9.5mm)
(-)
NOTES: 1.Rise Time =7ns max. Input Impedance=
2.Rise time=10ns max. Source Impedance=
1 megohm. 22pF
50 ohms
D.U.T.
INDUCTIVE
NON
25 Vdc
(+)
1
(approx.)
(-)
(NOTE 1)
OSCILLOSCOPE
GENERATIOR
PULSE
(+)
(NOTE 2)
SET TIME BASE FOR
50/100ns/cm
-1.0A
1cm
-0.25A
0
20
REVERSE RECOVERY TIME CHARACTERISTIC
FIG.6-TEST CIRCUIT DIAGRAM AND
PERCENT OF RATED PEAK
NONINDUCTIVE
NONINDUCTIVE
50
10
0.01
0
Trr
+0.5A
T =25 ° C
40
80
60
j
120
100
140
NUMBER OF CYCLES AT 60 Hz
FIG.4-TYPICAL REVERSE
0.1
1.0
10
T =100 ° C
j
CHARACTERISTICS
FORWARD SURGE CURRENT
RATINGS AND CHARACTERISTIC CURVES FR201 THRU FR207
FIG.1-TYPICAL FORWARD CURRENT
FIG.2-MAXIMUM NON-REPETITIVE PEAK
REVERSE VOLTAGE,(%)
1 Cycle
1
0
20
10
40
30
50
70
60
j max
8.3ms Single Half Sine-Wave
2
4
6
8
10
20
(JEDEC Method) =T Tj
40
100
60 80
Web Site: WWW.PS-PFS.COM



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com