Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB2S Datasheet(PDF) 1 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

Part # LB2S
Description  Low Profile Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PFS [Shenzhen Ping Sheng Electronics Co., Ltd.]
Direct Link  http://ps-pfs.en.alibaba.com/
Logo PFS - Shenzhen Ping Sheng Electronics Co., Ltd.

LB2S Datasheet(HTML) 1 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

  LB2S Datasheet HTML 1Page - Shenzhen Ping Sheng Electronics Co., Ltd. LB2S Datasheet HTML 2Page - Shenzhen Ping Sheng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Low Profile Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
Reverse Voltage 200 and 1000V Forward Current 1.0A
LB2S thru LB10S
Features
◆
Low Profile: Typical height of 1.4mm
◆
Ideal for automated placement
◆
High surge current capability
◆
Solder Dip 260℃,40seconds
Mechanical Data
◆
Case:SOPA-4
Epoxy meets UL-94V-0 Flammability rating
◆
Terminals:Matte tin plated ldads, solderable per
J-STD-002B and JESD22-B102D
◆
Polarity:As markde on body
Maximum Ratings & Electrical Characteristics Ratings at 25℃
ambient temperature unless otherwise specified.
Parameter
Symbol
LB2S
LB4S
LB6S
LB8S
LB10S
Unit
Maximum repetitive peak reverse voltage
VRRM
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
140
280
420
560
800
V
Maximum DC blocking voltage
VDC
200
400
600
800
1000
V
Maximum Average forward output rectified current
on glass-eposy P.C.B
on aluminum substrate
Peak forward surge current 8.3 ms single sine-wave
superimposed on rated load (JEDEC Method)
Rating for fusig (t<8.3ms)
I
2t
A
2sec
Maximum instantaneous forward voltage drop
per diode at 0.4A
Maximum DC reverse current at
TA=25℃
rated DC blocking voltage per leg
TA=125℃
RθJA
RθJL
Operating junction temperature range
TJ
℃
Storage temperature range
TSTG
℃
Notes:
1. Device mounted P.C.B with 0.47x0.47''(12mmx12mm) Copper Pads.
2. JEDEC registered values
µA
Typical thermal resistance per leg (Note 1)
VF
A
30
3
0.95
5
500
80
℃
/W
25
-55 to +150
-55 to +150
IF(AV)
IR
IFSM
1.0
0.8
A
V
+
-
~
~
Web Site: WWW.PS-PFS.COM


Similar Part No. - LB2S

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
LB2S GOOD-ARK-LB2S Datasheet
90Kb / 2P
Low Profile Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
logo
Microdiode Semiconducto...
LB2S CHENDA-LB2S Datasheet
764Kb / 2P
MINIATURE GLASS PASSIVATED SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER
logo
SUNMATE electronic Co.,...
LB2S SUNMATE-LB2S Datasheet
394Kb / 2P
SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER
logo
Microdiode Semiconducto...
LB2S CHENDA-LB2S Datasheet
813Kb / 2P
MINIATURE GLASS PASSIVATED SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER
logo
Shanghai Leiditech Elec...
LB2S LEIDITECH-LB2S Datasheet
719Kb / 2P
Reverse Voltage 200 and 1000V Forward Current 0.8A
More results

Similar Description - LB2S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MB2S VISHAY-MB2S Datasheet
112Kb / 4P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
01-Feb-08
logo
GOOD-ARK Electronics
LB2S GOOD-ARK-LB2S Datasheet
90Kb / 2P
Low Profile Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
logo
Shenzhen Ping Sheng Ele...
MB1S PFS-MB1S Datasheet
508Kb / 2P
Low Profile Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
MB05F PFS-MB05F Datasheet
588Kb / 2P
Low Profile Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
logo
Vishay Siliconix
MBL104S VISHAY-MBL104S Datasheet
99Kb / 4P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
12-Apr-13
MB6S-E3 VISHAY-MB6S-E3 Datasheet
102Kb / 4P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
01-Feb-08
B2S VISHAY-B2S_13 Datasheet
93Kb / 4P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
19-Aug-13
logo
GOOD-ARK Electronics
LB2SA GOOD-ARK-LB2SA Datasheet
173Kb / 2P
Low Profile Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
LB2SB GOOD-ARK-LB2SB Datasheet
207Kb / 3P
Low Profile Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
logo
Microdiode Semiconducto...
LB1S CHENDA-LB1S Datasheet
813Kb / 2P
MINIATURE GLASS PASSIVATED SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com