Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB1F Datasheet(PDF) 1 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

Part # MB1F
Description  Low Profile Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PFS [Shenzhen Ping Sheng Electronics Co., Ltd.]
Direct Link  http://ps-pfs.en.alibaba.com/
Logo PFS - Shenzhen Ping Sheng Electronics Co., Ltd.

MB1F Datasheet(HTML) 1 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

  MB1F Datasheet HTML 1Page - Shenzhen Ping Sheng Electronics Co., Ltd. MB1F Datasheet HTML 2Page - Shenzhen Ping Sheng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MBF
●
Low profile space
●
Ideal for automated placement
●
Glass passivated chip junction
●
Low forward voltage drop
●
Low leakage current
●
High forward surge capability
●
High temperature soldering:
260℃/10 seconds at terminals
●
Component in accordance to
RoHS 2002/95/1 and WEEE 2002/96/EC
●
Case: MBF Molded plastic
over glass passivated chip
●
Terminals: Solder plated, solderable per
J-STD-002B and JESD22-B102D
●
Polarity: Polarity symbols marked on body
(TA = 25
°
C unless otherwise noted)
Symbol MB05F MB1F MB2F MB4F MB6F MB8F MB10F UNIT
VRRM
50
100
200
400
600
800 1000
V
VRMS
35
70
140
280
420
560
700
V
VDC
50
100
200
400
600
800 1000
V
Maximum average forward output rectified
current at TA=30℃
-on glass-epoxy P.C.B(NOTE 1)
-on aluminum substrate(NOTE 2)
IFSM
A
VF
V
IR
μA
CJ
p F
(NOTE 1)
RθJA
(NOTE 2)
RθJA
(NOTE 1)
RθJL
TJ, TSTG
℃
NOTE1
:On glass epoxy P.C.B. mounted on 0.05
×0.05″(1.3×1.3mm) pads
NOTE2
:On aluminum substrate P.C.B. with an area of 0.8″×0.8″(20
×20mm) mounted
on 0.05
×0.05″(1.3×1.3mm) solder pad
13
℃/ W
A
0.5
0.8
35
1
5.0
100
85
70
20
–55 to +150
Maximum DC blocking voltage
Operating junction and storage temperature range
Typical junction capacitance per leg at 4.0 V ,1MHz
Maximum instantaneous forwad voltage drop
per leg at 0.4A
Thermal resistance per leg
Peak forward surge current 8.3 ms single half sine-wave
superimposed on rated load(JEDEC Method)
IF(AV)
Maximum DC reverse current at
rated DC blocking voltage per leg
TA = 25 ℃
TA = 125℃
Maximum RMS voltage
Maximum repetitive peak reverse voltage
thru
MB05F
MB10F
FEATURES
VOLTAGE - 50 TO 1000 VOLTS
CURRENT - 0.5 AMPERES
MECHANICAL DATA
MAXIMUM RATIXGS AND ELECTRICAL CHARACTERISTICS
μ
Low Profile Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
Web Site: WWW.PS-PFS.COM


Similar Part No. - MB1F

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
MB1F PACELEADER-MB1F Datasheet
241Kb / 2P
Miniature Glass Passivated Single-Phase Surface Mount Flat Bridge Rectifier
logo
Shenzhen Luguang Electr...
MB1F LUGUANG-MB1F Datasheet
183Kb / 2P
Silicon Bridge Rectifiers
logo
Formosa MS
MB1F FORMOSA-MB1F Datasheet
197Kb / 2P
0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Guangdong Juxing Electr...
MB1F JUXING-MB1F Datasheet
940Kb / 2P
Miniature Glas Passivated Single-Phase
MB1F JUXING-MB1F Datasheet
820Kb / 2P
SURFACE MOUNT BRIDGE RECTIFIERS
More results

Similar Description - MB1F

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MB2S VISHAY-MB2S Datasheet
112Kb / 4P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
01-Feb-08
logo
GOOD-ARK Electronics
LB2S GOOD-ARK-LB2S Datasheet
90Kb / 2P
Low Profile Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
logo
Shenzhen Ping Sheng Ele...
MB1S PFS-MB1S Datasheet
508Kb / 2P
Low Profile Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
LB2S PFS-LB2S Datasheet
241Kb / 2P
Low Profile Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
logo
Vishay Siliconix
MBL104S VISHAY-MBL104S Datasheet
99Kb / 4P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
12-Apr-13
MB6S-E3 VISHAY-MB6S-E3 Datasheet
102Kb / 4P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
01-Feb-08
B2S VISHAY-B2S_13 Datasheet
93Kb / 4P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
19-Aug-13
logo
GOOD-ARK Electronics
LB2SA GOOD-ARK-LB2SA Datasheet
173Kb / 2P
Low Profile Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
LB2SB GOOD-ARK-LB2SB Datasheet
207Kb / 3P
Low Profile Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
logo
Microdiode Semiconducto...
LB1S CHENDA-LB1S Datasheet
813Kb / 2P
MINIATURE GLASS PASSIVATED SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com