Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DR353 Datasheet(PDF) 1 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

Part # DR353
Description  DISH AUTOMOTIVE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PFS [Shenzhen Ping Sheng Electronics Co., Ltd.]
Direct Link  http://ps-pfs.en.alibaba.com/
Logo PFS - Shenzhen Ping Sheng Electronics Co., Ltd.

DR353 Datasheet(HTML) 1 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

  DR353 Datasheet HTML 1Page - Shenzhen Ping Sheng Electronics Co., Ltd. DR353 Datasheet HTML 2Page - Shenzhen Ping Sheng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DISH AUTOMOTIVE RECTIFIER
VOLTAGE RANGE
100 to 400 Volts
DR351 THRU DR356
DRS351 THRU DRS356
CURRENT
35.0 Amperes
TECHNICAL SPECIFICATION:
FEATURES
•
Low Leakage
•
Low forward voltage drop
•
High current capability
•
High forward surge current capacity
•
Glass passivated chip
MECHANICAL DATA
•
Technology: vacuum soldered
•
Case: Copper case
•
Polarity: As marked of case bottom
•
Lead: Plated Ni lead, solderable per
MIL-STD-202E method 208C
•
Weight: 0.032 ounces, 0.9 grams (DRS)
0.035 ounces, 1.0 grams (DR)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
•
Ratings at 25℃ ambient temperature unless otherwise specified
•
Single Phase, half wave, 60HZ, resistive or inductive load
•
For capacitive load derate current by 20%
SYMBOLS
DR351
DRS351
DR352
DRS352
DR353
DRS353
DR354
DRS354
DR356
DRS356
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
100
200
300
400
600
Volts
Maximum RMS Voltage
VRMS
70
140
210
280
420
Volts
Maximum DC Blocking Voltage
VDC
100
200
300
400
600
Volts
Maximum Average Forward Rectified Current,
At Tc=105℃
IO
35
Amps
Peak Forward Surge Current
3.3mS single half sine wave superimposed on
Rated load (JEDEC method)
IFSM
500
Amps
Rating for fusing (t<8.3ms)
I
2t
1038
A
2S
Maximum instantaneous Forward Voltage at 100A
VF
1.08
Volts
5.0
Maximum DC Reverse Current at Rated TA=25℃
DC Blocking Voltage
TA=100℃
IR
450
UA
Typical Thermal Resistance
RθJC
0.8
℃/W
Operating and Storage Temperature Range
TJ,TSTG
(-65 to +175)
℃
Notes:
1.
Enough heatsink must be considered in application.
DRS-35
Dimensions in inches and (millimeters)
DR-35
1.5
± 0.05
7.0
± 0.2
8.4
± 0.2
Positive: 19.0
± 0.5
Negative: 23.0
± 0.5
Negative: 23.0
± 0.5
Positive: 19.0
± 0.5
9.5
± 0.2
8.4
± 0.2
1.5
± 0.05
Web Site: WWW.PS-PFS.COM


Similar Part No. - DR353

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
DR353 MCC-DR353 Datasheet
282Kb / 2P
35 Amp Automotive Rectifier 100 to 600 Volts
logo
MIC GROUP RECTIFIERS
DR353 MIC-DR353 Datasheet
46Kb / 2P
DISH AUTOMOTIVE RECTIFIER
logo
Datatronic Distribution...
DR353-1-101 DATATRONICS-DR353-1-101 Datasheet
94Kb / 2P
SMD INDUCTOR
DR353-1-101 DATATRONICS-DR353-1-101 Datasheet
88Kb / 2P
SMD INDUCTOR DR353-1 SERIES
DR353-1-102 DATATRONICS-DR353-1-102 Datasheet
94Kb / 2P
SMD INDUCTOR
More results

Similar Description - DR353

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
ADRS30L MIC-ADRS30L Datasheet
27Kb / 1P
DISH AVALANCHE AUTOMOTIVE RECTIFIER
ADRS30M MIC-ADRS30M Datasheet
27Kb / 1P
DISH AVALANCHE AUTOMOTIVE RECTIFIER
ADRS30Z MIC-ADRS30Z Datasheet
27Kb / 1P
DISH AVALANCHE AUTOMOTIVE RECTIFIER
ADRS40L MIC-ADRS40L Datasheet
27Kb / 1P
DISH AVALANCHE AUTOMOTIVE RECTIFIER
ADRS40M MIC-ADRS40M Datasheet
27Kb / 1P
DISH AVALANCHE AUTOMOTIVE RECTIFIER
ADRS40Z MIC-ADRS40Z Datasheet
27Kb / 1P
DISH AVALANCHE AUTOMOTIVE RECTIFIER
DR251 MIC-DR251 Datasheet
46Kb / 2P
DISH AUTOMOTIVE RECTIFIER
DR351 MIC-DR351 Datasheet
46Kb / 2P
DISH AUTOMOTIVE RECTIFIER
DR501 MIC-DR501 Datasheet
46Kb / 2P
DISH AUTOMOTIVE RECTIFIER
logo
Shenzhen Ping Sheng Ele...
DR251 PFS-DR251 Datasheet
159Kb / 2P
DISH AUTOMOTIVE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com