Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DR254 Datasheet(PDF) 1 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

Part # DR254
Description  DISH AUTOMOTIVE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PFS [Shenzhen Ping Sheng Electronics Co., Ltd.]
Direct Link  http://ps-pfs.en.alibaba.com/
Logo PFS - Shenzhen Ping Sheng Electronics Co., Ltd.

DR254 Datasheet(HTML) 1 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

  DR254 Datasheet HTML 1Page - Shenzhen Ping Sheng Electronics Co., Ltd. DR254 Datasheet HTML 2Page - Shenzhen Ping Sheng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DISH AUTOMOTIVE RECTIFIER
VOLTAGE RANGE
100 to 400 Volts
DR251 THRU DR256
DRS251 THRU DRS256
CURRENT
25.0 Amperes
TECHNICAL SPECIFICATION:
FEATURES
•
Low Leakage
•
Low forward voltage drop
•
High current capability
•
High forward surge current capacity
•
Glass passivated chip
MECHANICAL DATA
•
Technology: vacuum soldered
•
Case: Copper case
•
Polarity: As marked of case bottom
•
Lead: Plated Ni lead, solderable per
MIL-STD-202E method 208C
•
Weight: 0.032 ounces, 0.9 grams (DRS)
0.035 ounces, 1.0 grams (DR)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
•
Ratings at 25℃ ambient temperature unless otherwise specified
•
Single Phase, half wave, 60HZ, resistive or inductive load
•
For capacitive load derate current by 20%
SYMBOLS
DR251
DRS251
DR252
DRS252
DR253
DRS253
DR254
DRS254
DR256
DRS256
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
100
200
300
400
600
Volts
Maximum RMS Voltage
VRMS
70
140
210
280
420
Volts
Maximum DC Blocking Voltage
VDC
100
200
300
400
600
Volts
Maximum Average Forward Rectified Current,
At Tc=105℃
IO
25
Amps
Peak Forward Surge Current
3.3mS single half sine wave superimposed on
Rated load (JEDEC method)
IFSM
400
Amps
Rating for fusing (t<8.3ms)
I
2t
664
A
2S
Maximum instantaneous Forward Voltage at 100A
VF
1.10
Volts
5.0
Maximum DC Reverse Current at Rated TA=25℃
DC Blocking Voltage
TA=100℃
IR
300
UA
Typical Thermal Resistance
RθJC
1.0
℃/W
Operating and Storage Temperature Range
TJ,TSTG
(-65 to +175)
℃
Notes:
1.
Enough heatsink must be considered in application.
DRS-35
Dimensions in inches and (millimeters)
DR-35
1.5
± 0.05
7.0
± 0.2
8.4
± 0.2
Positive: 19.0
± 0.5
Negative: 23.0
± 0.5
Negative: 23.0
± 0.5
Positive: 19.0
± 0.5
9.5
± 0.2
8.4
± 0.2
1.5
± 0.05
Web Site: WWW.PS-PFS.COM


Similar Part No. - DR254

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
DR254 MCC-DR254 Datasheet
283Kb / 2P
25 Amp Automotive Rectifier 100 to 600 Volts
logo
MIC GROUP RECTIFIERS
DR254 MIC-DR254 Datasheet
46Kb / 2P
DISH AUTOMOTIVE RECTIFIER
logo
Proto Advantage SMD Ada...
DR254D254 PROTOADVANTAGE-DR254D254 Datasheet
105Kb / 2P
Dual Row 2.54 mm pitch to DIP Adapters
revision 1.1
DR254DR254P04 PROTOADVANTAGE-DR254DR254P04 Datasheet
110Kb / 3P
Dual Row 1.00 mm pitch to Dual Row 2.54mm pitch Adapter - 4 Pin
revision 1.0
DR254DR254P04 PROTOADVANTAGE-DR254DR254P04 Datasheet
111Kb / 3P
Dual Row 1.00 mm pitch to Dual Row 2.54mm pitch Adapter - 6 Pin
revision 1.0
More results

Similar Description - DR254

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
ADRS30L MIC-ADRS30L Datasheet
27Kb / 1P
DISH AVALANCHE AUTOMOTIVE RECTIFIER
ADRS30M MIC-ADRS30M Datasheet
27Kb / 1P
DISH AVALANCHE AUTOMOTIVE RECTIFIER
ADRS30Z MIC-ADRS30Z Datasheet
27Kb / 1P
DISH AVALANCHE AUTOMOTIVE RECTIFIER
ADRS40L MIC-ADRS40L Datasheet
27Kb / 1P
DISH AVALANCHE AUTOMOTIVE RECTIFIER
ADRS40M MIC-ADRS40M Datasheet
27Kb / 1P
DISH AVALANCHE AUTOMOTIVE RECTIFIER
ADRS40Z MIC-ADRS40Z Datasheet
27Kb / 1P
DISH AVALANCHE AUTOMOTIVE RECTIFIER
DR251 MIC-DR251 Datasheet
46Kb / 2P
DISH AUTOMOTIVE RECTIFIER
DR351 MIC-DR351 Datasheet
46Kb / 2P
DISH AUTOMOTIVE RECTIFIER
DR501 MIC-DR501 Datasheet
46Kb / 2P
DISH AUTOMOTIVE RECTIFIER
logo
Shenzhen Ping Sheng Ele...
DR351 PFS-DR351 Datasheet
159Kb / 2P
DISH AUTOMOTIVE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com