Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD1908 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 2SD1908
Description  CRT Display Horizontal Deflection Output Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SD1908 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  2SD1908 Datasheet HTML 1Page - Sanyo Semicon Device 2SD1908 Datasheet HTML 2Page - Sanyo Semicon Device 2SD1908 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2SD1908
Ordering number : EN3971
CRT Display Horizontal Deflection Output
Applications
NPN Epitaxial Planar Silicon Transistor
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
11697YK (KOTO) 8-0537 No.3971-1/3
Package Dimensions
unit: mm
2049B-TO-220MF
[2SD1908]
E : Emitter
C : Collector
B : Base
SANYO : TO-220MF
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
330
V
Collector-to-Emitter Voltage
VCEO
150
V
Emitter-to-Base Voltage
VEBO
6V
Collector Current
IC
7A
Collector Current (Pulse)
ICP
12
A
Base Current
IB
4A
Collector Dissipation
PC
1.65
W
Tc=25°C
50
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
–55 to +150
°C
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
min
typ
max
Unit
Collector Cutoff Current
ICBO
VCB=200V, IE=0
100
µA
Emitter Cutoff Current
IEBO
VEB=5V, IC=0
100
mA
DC Current Gain
hFE(1)
VCE=1V, IC=1A
15
hFE(2)
VCE=1V, IC=5A
10
50
Gain-Bandwidth Product
fT
VCE=10V, IC=0.5A
10
40
MHz
C-E Saturation Voltage
VCE(sat)
IC=5A, IB=0.5A
1
V
B-E Saturation Voltage
VBE(sat)
IC=5A, IB=0.5A
1.2
V
C-B Breakdown Voltage
V(BR)CBO
IC=1mA, IE=0
330
V
C-E Breakdown Voltage
V(BR)CEO
IC=1mA, RBE=∞
150
V
E-B Breakdown Voltage
V(BR)EBO
IE=1mA, IC=0
6
V
Fall Time
tf
IC=5A, IB1=–IB2=0.5A
0.5
µs
Features
• Fast switching speed.
• Especially suited for use in high-definition CRT display :
VCC=6 to 12V.
• Wide ASO and highly resistant to breakdown.


Similar Part No. - 2SD1908

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SD1902 SANYO-2SD1902 Datasheet
106Kb / 4P
AF Power Amp Applications
logo
Guangdong Kexin Industr...
2SD1902-Q KEXIN-2SD1902-Q Datasheet
1Mb / 3P
NPN Transistors
2SD1902-R KEXIN-2SD1902-R Datasheet
1Mb / 3P
NPN Transistors
2SD1902-S KEXIN-2SD1902-S Datasheet
1Mb / 3P
NPN Transistors
2SD1902 KEXIN-2SD1902_15 Datasheet
1Mb / 3P
NPN Transistors
More results

Similar Description - 2SD1908

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
TS7992 SANYO-TS7992 Datasheet
40Kb / 3P
Ultrahigh-Definition CRT Display Horizontal Deflection Output Applications
TS7994 SANYO-TS7994 Datasheet
37Kb / 3P
Ultrahigh-Definition CRT Display Horizontal Deflection Output Applications
2SC5506 SANYO-2SC5506 Datasheet
41Kb / 4P
Ultrahigh-Definition CRT Display Horizontal Deflection Output Applications
2SC5689 SANYO-2SC5689 Datasheet
29Kb / 4P
Ultrahigh-Definition CRT Display Horizontal Deflection Output Applications
2SC5683 SANYO-2SC5683 Datasheet
28Kb / 4P
Ultrahigh-Definition CRT Display Horizontal Deflection Output Applications
2SC5698 SANYO-2SC5698 Datasheet
29Kb / 4P
CRT Display Horizontal Deflection Output Applications
2SC5681 SANYO-2SC5681 Datasheet
28Kb / 4P
Ultrahigh-Definition CRT Display Horizontal Deflection Output Applications
TT2062 SANYO-TT2062 Datasheet
481Kb / 4P
ULTRAHIGH-DEFINITION CRT DISPLAY HORIZONTAL DEFLECTION OUTPUT APPLICATIONS
2SC3189 SANYO-2SC3189 Datasheet
661Kb / 8P
CRT DISPLAY HORIZONTAL DEFLECTION OUTPUT APPLICATIONS
2SC5699 SANYO-2SC5699 Datasheet
28Kb / 4P
CRT Display Horizontal Deflection Output Applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com