Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRB256 Datasheet(PDF) 1 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

Part # PRB256
Description  PRESS FIT AUTOMOTIVE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PFS [Shenzhen Ping Sheng Electronics Co., Ltd.]
Direct Link  http://ps-pfs.en.alibaba.com/
Logo PFS - Shenzhen Ping Sheng Electronics Co., Ltd.

PRB256 Datasheet(HTML) 1 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

  PRB256 Datasheet HTML 1Page - Shenzhen Ping Sheng Electronics Co., Ltd. PRB256 Datasheet HTML 2Page - Shenzhen Ping Sheng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PRESS FIT AUTOMOTIVE RECTIFIER
(
VOLTAGE RANGE
100 to 600 Volts
PRB251 THRU PRB256
CURRENT
25.0 Amperes
TECHNICAL SPECIFICATION:
FEATURES
•
Low Leakage
•
Low forward voltage drop
•
High current capability
•
High forward surge current capacity
MECHANICAL DATA
•
Technology: Cell with Vacuum soldered
•
Case: Copper case
•
Polarity: As marked of case bottom
•
Lead: Plated lead , solderable per MIL-STD-202E
method 208C
•
Mounting: Press Fit
•
Weight: 0.29 ounces, 8.09 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
•
Ratings at 25℃ ambient temperature unless otherwise specified
•
Single Phase, half wave, 60HZ, resistive or inductive load
•
For capacitive load derate current by 20%
SYMBOLS
PRB251
PRB252
PRB253
PRB254
PRB256
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
100
200
300
400
600
Volts
Maximum RMS Voltage
VRMS
70
140
210
280
420
Volts
Maximum DC Blocking Voltage
VDC
100
200
300
400
600
Volts
Maximum Average Forward Rectified Current,
At Tc=105℃
I(AV)
25
Amps
Peak Forward Surge Current
3.3mS single half sine wave superimposed on
Rated load (JEDEC method)
IFSM
400
Amps
Rating for fusing (t<8.3ms)
I
2t
664
A
2S
Maximum instantaneous Forward Voltage at 100A
VF
1.08
Volts
5.0
Maximum DC Reverse Current at Rated TA=25℃
DC Blocking Voltage
TA=100℃
IR
450
UA
Typical Thermal Resistance
RθJC
0.8
℃/W
Operating and Storage Temperature Range
TJ,TSTG
(-65 to +175)
℃
Notes:
1.
Enough heat sink must be considered in application.
BC-2
Dimensions in inches and (millimeters)
0.44
± 0.02
(11.2
± 0.2)
0.504
± 0.008
(12.80
± 0.02)
0.326
± 0.006
(8.3
± 0.15)
(28.0
± 0.3)
1.1
± 0.012
0.49
+0
-0.002
-0.05
+0
(12.6
)
0.050
± 0.002
(? 1.28
± 0.05)
Epoxy
Web Site: WWW.PS-PFS.COM


Similar Part No. - PRB256

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
PRB256 MIC-PRB256 Datasheet
46Kb / 2P
PRESS FIT AUTOMOTIVE RECTIFIER竊뉰OSCH竊
More results

Similar Description - PRB256

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
LPB251 MIC-LPB251 Datasheet
61Kb / 2P
PRESS FIT AUTOMOTIVE RECTIFIER
LPB501 MIC-LPB501 Datasheet
64Kb / 2P
PRESS FIT AUTOMOTIVE RECTIFIER
logo
Shanghai Lunsure Electr...
AM251 CHENYI-AM251 Datasheet
151Kb / 2P
PRESS FIT AUTOMOTIVE RECTIFIER
AM501 CHENYI-AM501 Datasheet
148Kb / 2P
PRESS FIT AUTOMOTIVE RECTIFIER
logo
Shenzhen Ping Sheng Ele...
PRB351 PFS-PRB351 Datasheet
161Kb / 2P
PRESS FIT AUTOMOTIVE RECTIFIER
LPRG351 PFS-LPRG351 Datasheet
176Kb / 2P
PRESS FIT AUTOMOTIVE RECTIFIER
logo
GOOD-ARK Electronics
GAH401 GOOD-ARK-GAH401 Datasheet
130Kb / 2P
Press Fit Automotive Rectifier
GAM251 GOOD-ARK-GAM251 Datasheet
124Kb / 2P
Press Fit Automotive Rectifier
GAM501 GOOD-ARK-GAM501 Datasheet
130Kb / 2P
Press Fit Automotive Rectifier
GB304P GOOD-ARK-GB304P Datasheet
370Kb / 5P
PRESS FIT AUTOMOTIVE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com