Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D882 Datasheet(PDF) 1 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

Part # D882
Description  TRANSISTOR ( NPN )
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PFS [Shenzhen Ping Sheng Electronics Co., Ltd.]
Direct Link  http://ps-pfs.en.alibaba.com/
Logo PFS - Shenzhen Ping Sheng Electronics Co., Ltd.

D882 Datasheet(HTML) 1 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

  D882 Datasheet HTML 1Page - Shenzhen Ping Sheng Electronics Co., Ltd. D882 Datasheet HTML 2Page - Shenzhen Ping Sheng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
D882 TRANSISTOR ( NPN )
MAXIMUM RATINGS* TA=25
℃ unless otherwise noted
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
40
V
VCEO
Collector-Emitter Voltage
30
V
VEBO
Emitter-Base Voltage
6
V
IC
Collector Current -Continuous
3
A
PD
Total Device Dissipation
1.25
W
TJ
Junction Temperature
150
℃
Tstg
Junction and Storage Temperature
-55-150
℃
*These ratings are limiting values above which the serviceability of any semiconductor device may be
impaired.
ELECTRICAL
CHARACTERISTICS(Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
Ic=100uA ,IE=0
40
V
Collector-emitter breakdown voltage
V(BR)CEO
IC= 10 mA ,
IB=0
30
V
Emitter-base breakdown voltage
V(BR)EBO
IE= 100 mA ,IC=0
6
V
Collector cut-off current
ICBO
VCB=40 V ,
IE=0
1
uA
Collector cut-off current
ICEO
VCE=30 V ,
IB=0
10
uA
Emitter cut-off current
IEBO
VEB=6V ,
IC=0
1
uA
hFE(1)
VCE= 2V, IC= 1A
60
400
DC current gain
hFE(2)
VCE=2V, IC= 100mA
32
Collector-emitter saturation voltage
VCE(sat)
IC=2A,
IB= 0.2A
0.5
V
Base-emitter saturation voltage
VBE(sat)
IC=2A,
IB= 0.2A
1.5
V
Transition frequency
f T
VCE=5 V,
IC=0.1mA
f = 10MHz
50
MHz
CLASSIFICATION OF hFE(1)
1 2 3
TO-126
1. EMITTER
2. COLLECTOR
3. BASE
R
O
Y
GR
Range
60-120
100-200
160-320
200-400
Rank
Web Site:
WWW.PS-PFS.COM


Similar Part No. - D882

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D882 ETC-D882 Datasheet
1Mb / 1P
TO-126 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
D882 JIANGSU-D882 Datasheet
131Kb / 2P
TRANSISTOR竊?NPN 竊
D882 JIANGSU-D882 Datasheet
1,017Kb / 3P
TRANSISTOR竊뉿PN竊
logo
Stanson Technology
D882 STANSON-D882 Datasheet
22Kb / 1P
PNP TRANSISTOR
logo
List of Unclassifed Man...
D882 ETC1-D882 Datasheet
28Kb / 1P
SI NPN TRANSISTOR
More results

Similar Description - D882

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
DUAL TRANSISTOR(NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
DUAL TRANSISTOR(NPNNPN)
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
DUAL TRANSISTOR (NPNNPN)
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
DUAL TRANSISTOR (NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com