Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYV26A Datasheet(PDF) 2 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

Part # BYV26A
Description  Very Fast Soft-Recovery Avalanche Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PFS [Shenzhen Ping Sheng Electronics Co., Ltd.]
Direct Link  http://ps-pfs.en.alibaba.com/
Logo PFS - Shenzhen Ping Sheng Electronics Co., Ltd.

BYV26A Datasheet(HTML) 2 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

  BYV26A Datasheet HTML 1Page - Shenzhen Ping Sheng Electronics Co., Ltd. BYV26A Datasheet HTML 2Page - Shenzhen Ping Sheng Electronics Co., Ltd. BYV26A Datasheet HTML 3Page - Shenzhen Ping Sheng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2 (3)
BYV26
Electrical Characteristics
Tj = 25_C
Parameter
Test Conditions
Type
Symbol
Min
Typ
Max
Unit
Forward voltage
IF=1A
VF
2.5
V
g
IF=1A, Tj=175°C
VF
1.3
V
Reverse current
VR=VRRM
IR
5
mA
VR=VRRM, Tj=150°C
IR
100
mA
Reverse breakdown
IR=100mA
BYV26A
V(BR)R
300
V
voltage
R
m
BYV26B
V(BR)R
500
V
BYV26C
V(BR)R
700
V
BYV26D
V(BR)R
900
V
BYV26E
V(BR)R
1100
V
Reverse recovery
time
IF=0.5A, IR=1A, iR=0.25A
BYV26A
–BYV26C
trr
30
ns
BYV26D
–BYV26E
trr
75
ns
Characteristics (Tj = 25_C unless otherwise specified)
0
40
80
120
160
0
100
200
300
400
600
Tj – Junction Temperature ( °C )
200
95 9728
500
RthJA=100K/W
200V
800V
600V
400V
RthJA=45K/W
VR=1000V
Figure 1. Max. Reverse Power Dissipation vs.
Junction Temperature
0
40
80
120
160
0.1
1
10
100
1000
Tj – Junction Temperature ( °C )
200
95 9729
VR =VRRM
Figure 2. Max. Reverse Current vs.
Junction Temperature
Web Site: WWW.PS-PFS.COM



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com