Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C3JT Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # R8C3JT
Description  RENESAS MCU
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C3JT Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button R8C3JT Datasheet HTML 17Page - Renesas Technology Corp R8C3JT Datasheet HTML 18Page - Renesas Technology Corp R8C3JT Datasheet HTML 19Page - Renesas Technology Corp R8C3JT Datasheet HTML 20Page - Renesas Technology Corp R8C3JT Datasheet HTML 21Page - Renesas Technology Corp R8C3JT Datasheet HTML 22Page - Renesas Technology Corp R8C3JT Datasheet HTML 23Page - Renesas Technology Corp R8C3JT Datasheet HTML 24Page - Renesas Technology Corp R8C3JT Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
REJ03B0320-0010 Rev.0.10
Page 21 of 47
Jul 12, 2010
R8C/3JT Group
4. Special Function Registers (SFRs)
Under development Preliminary document
Specifications in this document are tentative and subject to change.
Table 4.9
SFR Information (9) (1)
X: Undefined
Note:
1. The blank areas are reserved and cannot be accessed by users.
Address
Register
Symbol
After Reset
02C0h
SCU Control Register 0
SCUCR0
00h
02C1h
SCU Mode Register
SCUMR
00h
02C2h
SCU Timing Control Register 0
SCTCR0
00000011b
02C3h
SCU Timing Control Register 1
SCTCR1
00000001b
02C4h
SCU Timing Control Register 2
SCTCR2
00010000b
02C5h
SCU Timing Control Register 3
SCTCR3
00h
02C6h
SCU Channel Control Register
SCHCR
00h
02C7h
SCU Channel Control Counter
SCUCHC
00h
02C8h
SCU Flag Register
SCUFR
00h
02C9h
SCU Status Counter
SCUSTC
00h
02CAh
SCU Secondary Counter Set Register
SCSCSR
00000111b
02CBh
SCU Secondary Counter
SCUSCC
00000111b
02CCh
02CDh
02CEh
SCU Destination Address Register
SCUDAR
00h
00001100b
02CFh
02D0h
SCU Data Buffer Register
SCUDBR
00h
00h
02D1h
02D2h
SCU Primary Counter
SCUPRC
00h
00h
02D3h
02D4h
02D5h
02D6h
02D7h
02D8h
02D9h
02DAh
02DBh
02DCh
Touch Sensor Input Enable Register 0
TSIER0
00h
02DDh
Touch Sensor Input Enable Register 1
TSIER1
00h
02DEh
Touch Sensor Input Enable Register 2
TSIER2
00h
02DFh
:
2C00h
DTC Transfer Vector Area
XXh
2C01h
DTC Transfer Vector Area
XXh
2C02h
DTC Transfer Vector Area
XXh
2C03h
DTC Transfer Vector Area
XXh
2C04h
DTC Transfer Vector Area
XXh
2C05h
DTC Transfer Vector Area
XXh
2C06h
DTC Transfer Vector Area
XXh
2C07h
DTC Transfer Vector Area
XXh
2C08h
DTC Transfer Vector Area
XXh
2C09h
DTC Transfer Vector Area
XXh
2C0Ah
DTC Transfer Vector Area
XXh
:
DTC Transfer Vector Area
XXh
:
DTC Transfer Vector Area
XXh
2C3Ah
DTC Transfer Vector Area
XXh
2C3Bh
DTC Transfer Vector Area
XXh
2C3Ch
DTC Transfer Vector Area
XXh
2C3Dh
DTC Transfer Vector Area
XXh
2C3Eh
DTC Transfer Vector Area
XXh
2C3Fh
DTC Transfer Vector Area
XXh
2C40h
DTC Control Data 0
DTCD0
XXh
2C41h
XXh
2C42h
XXh
2C43h
XXh
2C44h
XXh
2C45h
XXh
2C46h
XXh
2C47h
XXh
2C48h
DTC Control Data 1
DTCD1
XXh
2C49h
XXh
2C4Ah
XXh
2C4Bh
XXh
2C4Ch
XXh
2C4Dh
XXh
2C4Eh
XXh
2C4Fh
XXh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com