Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C32C Datasheet(PDF) 52 Page - Renesas Technology Corp

Part # R8C32C
Description  RENESAS MCU
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C32C Datasheet(HTML) 52 Page - Renesas Technology Corp

Back Button R8C32C Datasheet HTML 47Page - Renesas Technology Corp R8C32C Datasheet HTML 48Page - Renesas Technology Corp R8C32C Datasheet HTML 49Page - Renesas Technology Corp R8C32C Datasheet HTML 50Page - Renesas Technology Corp R8C32C Datasheet HTML 51Page - Renesas Technology Corp R8C32C Datasheet HTML 52Page - Renesas Technology Corp R8C32C Datasheet HTML 53Page - Renesas Technology Corp R8C32C Datasheet HTML 54Page - Renesas Technology Corp R8C32C Datasheet HTML 55Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 52 / 55 page
background image
R8C/32C Group
Package Dimensions
R01DS0009EJ0100 Rev 1.00
Page 52 of 52
Aug. 24, 2010
Package Dimensions
Diagrams showing the latest package dimensions and mounting information are available in the “Packages” section of
the Renesas Electronics website.
Index mark
1
10
11
20
F
*3
*2
c
bp
e
D
INCLUDE TRIM OFFSET.
DIMENSION "
*3" DOES NOT
NOTE)
DO NOT INCLUDE MOLD FLASH.
DIMENSIONS "
*1" AND "*2"
1.
2.
Detail F
A1
A2
0.32
0.22
0.17
bp
Previous Code
JEITA Package Code
RENESAS Code
PLSP0020JB-A
20P2F-A
MASS[Typ.]
0.1g
P-LSSOP20-4.4x6.5-0.65
0.2
0.15
0.13
Max
Nom
Min
Dimension in Millimeters
Symbol
Reference
6.6
6.5
6.4
D
4.5
4.4
4.3
E
1.15
A2
6.6
6.4
6.2
1.45
A
0.2
0.1
0
0.7
0.5
0.3
L
10°
0°
c
0.65
e
0.10
y
HE
A1
0.53
0.77
y
S
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com