Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33G Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # 33G
Description  RENESAS MCU
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

33G Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button 33G Datasheet HTML 35Page - Renesas Technology Corp 33G Datasheet HTML 36Page - Renesas Technology Corp 33G Datasheet HTML 37Page - Renesas Technology Corp 33G Datasheet HTML 38Page - Renesas Technology Corp 33G Datasheet HTML 39Page - Renesas Technology Corp 33G Datasheet HTML 40Page - Renesas Technology Corp 33G Datasheet HTML 41Page - Renesas Technology Corp 33G Datasheet HTML 42Page - Renesas Technology Corp 33G Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 54 page
background image
R8C/33G Group, R8C/33H Group
5. Electrical Characteristics
Under development Preliminary document
Specifications in this document are tentative and subject to change.
REJ03B0306-0010 Rev.0.10
Page 39 of 51
Jul. 21, 2010
Notes:
1.
VCC = 2.7 to 5.5 V, VSS = 0 V and Topr =
−40 to 85°C (J version) / −40 to 125°C (K version), unless otherwise specified.
2.
1tCYC = 1/f1(s)
Table 5.15
Timing Requirements of Synchronous Serial Communication Unit (SSU) (1)
Symbol
Parameter
Conditions
Standard
Unit
Min.
Typ.
Max.
tSUCYC
SSCK clock cycle time
TBD
−−
tCYC (2)
tHI
SSCK clock “H” width
TBD
−
TBD
tSUCYC
tLO
SSCK clock “L” width
TBD
−
TBD
tSUCYC
tRISE
SSCK clock rising
time
Master
−−
TBD
tCYC (2)
Slave
−−
TBD
µs
tFALL
SSCK clock falling
time
Master
−−
TBD
tCYC (2)
Slave
−−
TBD
µs
tSU
SSO, SSI data input setup time
TBD
−−
ns
tH
SSO, SSI data input hold time
TBD
−−
tCYC (2)
tLEAD
SCS setup time
Slave
TBD
−−
ns
tLAG
SCS hold time
Slave
TBD
−−
ns
tOD
SSO, SSI data output delay time
−−
TBD
tCYC (2)
tSA
SSI slave access time
2.7 V
≤ VCC ≤ 5.5 V
−−
TBD
ns
tOR
SSI slave out open time
2.7 V
≤ VCC ≤ 5.5 V
−−
TBD
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com