Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33H Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # 33H
Description  RENESAS MCU
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

33H Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button 33H Datasheet HTML 3Page - Renesas Technology Corp 33H Datasheet HTML 4Page - Renesas Technology Corp 33H Datasheet HTML 5Page - Renesas Technology Corp 33H Datasheet HTML 6Page - Renesas Technology Corp 33H Datasheet HTML 7Page - Renesas Technology Corp 33H Datasheet HTML 8Page - Renesas Technology Corp 33H Datasheet HTML 9Page - Renesas Technology Corp 33H Datasheet HTML 10Page - Renesas Technology Corp 33H Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 54 page
background image
R8C/33G Group, R8C/33H Group
1. Overview
Under development Preliminary document
Specifications in this document are tentative and subject to change.
REJ03B0306-0010 Rev.0.10
Page 7 of 51
Jul. 21, 2010
(D): Under development
Figure 1.2
Part Number, Memory Size, and Package of R8C/33H Group
Table 1.6
Product List for R8C/33H Group
Current of Jul 2010
Part No.
ROM Capacity
RAM
Capacity
Package Type
Remarks
Program ROM
Data flash
R5F21334HJFP (D)
16 Kbytes
1 Kbyte
× 4
1.5 Kbytes
PLQP0032GB-A J version
R5F21336HJFP (D)
32 Kbytes
1 Kbyte
× 4
2.5 Kbytes
PLQP0032GB-A
R5F21334HKFP (D)
16 Kbytes
1 Kbyte
× 4
1.5 Kbytes
PLQP0032GB-A K version
R5F21336HKFP (D)
32 Kbytes
1 Kbyte
× 4
2.5 Kbytes
PLQP0032GB-A
Part No.
R 5 F 21 33 6 H J FP
Package type:
FP: PLQP0032GB-A (0.8 mm pin-pitch, 7 mm square body)
Classification
J: Operating ambient temperature -40°C to 85°C
K: Operating ambient temperature -40°C to 125°C
ROM capacity
4: 16 KB
6: 32 KB
R8C/33H Group
R8C/3x Series
Memory type
F: Flash memory
Renesas MCU
Renesas semiconductor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com