Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

35C Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 35C
Description  RENESAS MCU
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

35C Datasheet(HTML) 4 Page - Renesas Technology Corp

  35C Datasheet HTML 1Page - Renesas Technology Corp 35C Datasheet HTML 2Page - Renesas Technology Corp 35C Datasheet HTML 3Page - Renesas Technology Corp 35C Datasheet HTML 4Page - Renesas Technology Corp 35C Datasheet HTML 5Page - Renesas Technology Corp 35C Datasheet HTML 6Page - Renesas Technology Corp 35C Datasheet HTML 7Page - Renesas Technology Corp 35C Datasheet HTML 8Page - Renesas Technology Corp 35C Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 57 page
background image
R8C/35C Group
1. Overview
R01DS0006EJ0100 Rev 1.00
Page 4 of 54
Aug. 24, 2010
1.2
Product List
Table 1.3 lists Product List for R8C/35C Group, and Figure 1.1 shows a Part Number, Memory Size, and Package
of R8C/35C Group.
Figure 1.1
Part Number, Memory Size, and Package of R8C/35C Group
Table 1.3
Product List for R8C/35C Group
Current of Aug 2010
Part No.
ROM Capacity
RAM
Capacity
Package Type
Remarks
Program ROM
Data flash
R5F21354CNFP
16 Kbytes
1 Kbyte
× 4
1.5 Kbytes
PLQP0052JA-A
N version
R5F21355CNFP
24 Kbytes
1 Kbyte
× 4
2 Kbytes
PLQP0052JA-A
R5F21356CNFP
32 Kbytes
1 Kbyte
× 4
2.5 Kbytes
PLQP0052JA-A
R5F21357CNFP
48 Kbytes
1 Kbyte
× 4
4 Kbytes
PLQP0052JA-A
R5F21358CNFP
64 Kbytes
1 Kbyte
× 4
6 Kbytes
PLQP0052JA-A
R5F2135ACNFP
96 Kbytes
1 Kbyte
× 4
8 Kbytes
PLQP0052JA-A
R5F2135CCNFP
128 Kbytes
1 Kbyte
× 4
10 Kbytes
PLQP0052JA-A
R5F21354CDFP
16 Kbytes
1 Kbyte
× 4
1.5 Kbytes
PLQP0052JA-A
D version
R5F21355CDFP
24 Kbytes
1 Kbyte
× 4
2 Kbytes
PLQP0052JA-A
R5F21356CDFP
32 Kbytes
1 Kbyte
× 4
2.5 Kbytes
PLQP0052JA-A
R5F21357CDFP
48 Kbytes
1 Kbyte
× 4
4 Kbytes
PLQP0052JA-A
R5F21358CDFP
64 Kbytes
1 Kbyte
× 4
6 Kbytes
PLQP0052JA-A
R5F2135ACDFP
96 Kbytes
1 Kbyte
× 4
8 Kbytes
PLQP0052JA-A
R5F2135CCDFP
128 Kbytes
1 Kbyte
× 4
10 Kbytes
PLQP0052JA-A
Part No.
R 5 F 21 35 6 C N FP
Package type:
FP: PLQP0052JA-A (0.65 mm pin-pitch, 10 mm square body)
Classification
N: Operating ambient temperature -20°C to 85°C
D: Operating ambient temperature -40°C to 85°C
ROM capacity
4: 16 KB
5: 24 KB
6: 32 KB
7: 48 KB
8: 64 KB
A: 96 KB
C: 128 KB
R8C/35C Group
R8C/3x Series
Memory type
F: Flash memory
Renesas MCU
Renesas semiconductor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com