Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

116 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # 116
Description  RENESAS MCU
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

116 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button 116 Datasheet HTML 3Page - Renesas Technology Corp 116 Datasheet HTML 4Page - Renesas Technology Corp 116 Datasheet HTML 5Page - Renesas Technology Corp 116 Datasheet HTML 6Page - Renesas Technology Corp 116 Datasheet HTML 7Page - Renesas Technology Corp 116 Datasheet HTML 8Page - Renesas Technology Corp 116 Datasheet HTML 9Page - Renesas Technology Corp 116 Datasheet HTML 10Page - Renesas Technology Corp 116 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
REJ03B0253-0110
Rev.1.10
Page 7 of 95
Jun 23, 2010
R32C/116 Group
1. Overview
Notes:
1.
The old package codes are as follows:PLQP0100KB-A: 100P6Q-A, PLQP0144KA-A: 144P6Q-A
2.
Data flash memory provides an additional 8 Kbytes of ROM capacity.
Table 1.6
R32C/116 Group Product List for High Speed Version (2/2)
As of June, 2010
Part Number
Package Code (1)
ROM Capacity (2)
RAM Capacity
Remarks
R5F64165HNFD
(P)
PLQP0144KA-A
384 Kbytes
+ 8 Kbytes
40 Kbytes
-20°C to 85°C (version N)
R5F64165HDFD
(D)
-40°C to 85°C (version D)
R5F64165HPFD
(D)
-40°C to 85°C (version P)
R5F64165HNFB
(P)
PLQP0100KB-A
-20°C to 85°C (version N)
R5F64165HDFB
(D)
-40°C to 85°C (version D)
R5F64165HPFB
(D)
-40°C to 85°C (version P)
R5F64166HNFD
(P)
PLQP0144KA-A
512 Kbytes
+ 8 Kbytes
-20°C to 85°C (version N)
R5F64166HDFD
(D)
-40°C to 85°C (version D)
R5F64166HPFD
(D)
-40°C to 85°C (version P)
R5F64166HNFB
(P)
PLQP0100KB-A
-20°C to 85°C (version N)
R5F64166HDFB
(D)
-40°C to 85°C (version D)
R5F64166HPFB
(D)
-40°C to 85°C (version P)
R5F64167HNFD
(P)
PLQP0144KA-A
640 Kbytes
+ 8 Kbytes
48 Kbytes
-20°C to 85°C (version N)
R5F64167HDFD
(D)
-40°C to 85°C (version D)
R5F64167HPFD
(D)
-40°C to 85°C (version P)
R5F64167HNFB
(P)
PLQP0100KB-A
-20°C to 85°C (version N)
R5F64167HDFB
(D)
-40°C to 85°C (version D)
R5F64167HPFB
(D)
-40°C to 85°C (version P)
R5F64168HNFD
(P)
PLQP0144KA-A
768 Kbytes
+ 8 Kbytes
63 Kbytes
-20°C to 85°C (version N)
R5F64168HDFD
(D)
-40°C to 85°C (version D)
R5F64168HPFD
(D)
-40°C to 85°C (version P)
R5F64168HNFB
(P)
PLQP0100KB-A
-20°C to 85°C (version N)
R5F64168HDFB
(D)
-40°C to 85°C (version D)
R5F64168HPFB
(D)
-40°C to 85°C (version P)
R5F64169HNFD
(P)
PLQP0144KA-A
1 Mbyte
+ 8 Kbytes
-20°C to 85°C (version N)
R5F64169HDFD
(D)
-40°C to 85°C (version D)
R5F64169HPFD
(D)
-40°C to 85°C (version P)
R5F64169HNFB
(P)
PLQP0100KB-A
-20°C to 85°C (version N)
R5F64169HDFB
(D)
-40°C to 85°C (version D)
R5F64169HPFB
(D)
-40°C to 85°C (version P)
(D): Under development (P): On planning phase



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com