Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L36C Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # L36C
Description  RENESAS MCU
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

L36C Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button L36C Datasheet HTML 5Page - Renesas Technology Corp L36C Datasheet HTML 6Page - Renesas Technology Corp L36C Datasheet HTML 7Page - Renesas Technology Corp L36C Datasheet HTML 8Page - Renesas Technology Corp L36C Datasheet HTML 9Page - Renesas Technology Corp L36C Datasheet HTML 10Page - Renesas Technology Corp L36C Datasheet HTML 11Page - Renesas Technology Corp L36C Datasheet HTML 12Page - Renesas Technology Corp L36C Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 75 page
background image
R8C/L35C Group, R8C/L36C Group, R8C/L38C Group, R8C/L3AC Group
1. Overview
REJ03B0293-0100 Rev.1.00
Page 9 of 72
Jun 25, 2010
Table 1.9
Product List for R8C/L38C Group
Current of Jun 2010
Figure 1.3
Correspondence of Part No., with Memory Size and Package of R8C/L38C Group
Part No.
Internal ROM Capacity
Internal RAM
Capacity
Package Type
Remarks
Program ROM
Data Flash
R5F2L387CNFP
48 Kbytes
1 Kbyte
× 4
6 Kbytes
PLQP0080KB-A
N Version
R5F2L387CNFA
48 Kbytes
1 Kbyte
× 4
6 Kbytes
PLQP0080JA-A
R5F2L388CNFP
64 Kbytes
1 Kbyte
× 4
8 Kbytes
PLQP0080KB-A
R5F2L388CNFA
64 Kbytes
1 Kbyte
× 4
8 Kbytes
PLQP0080JA-A
R5F2L38ACNFP
96 Kbytes
1 Kbyte
× 4
10 Kbytes
PLQP0080KB-A
R5F2L38ACNFA
96 Kbytes
1 Kbyte
× 4
10 Kbytes
PLQP0080JA-A
R5F2L38CCNFP
128 Kbytes
1 Kbyte
× 4
10 Kbytes
PLQP0080KB-A
R5F2L38CCNFA
128 Kbytes
1 Kbyte
× 4
10 Kbytes
PLQP0080JA-A
R5F2L387CDFP
48 Kbytes
1 Kbyte
× 4
6 Kbytes
PLQP0080KB-A
D Version
R5F2L387CDFA
48 Kbytes
1 Kbyte
× 4
6 Kbytes
PLQP0080JA-A
R5F2L388CDFP
64 Kbytes
1 Kbyte
× 4
8 Kbytes
PLQP0080KB-A
R5F2L388CDFA
64 Kbytes
1 Kbyte
× 4
8 Kbytes
PLQP0080JA-A
R5F2L38ACDFP
96 Kbytes
1 Kbyte
× 4
10 Kbytes
PLQP0080KB-A
R5F2L38ACDFA
96 Kbytes
1 Kbyte
× 4
10 Kbytes
PLQP0080JA-A
R5F2L38CCDFP
128 Kbytes
1 Kbyte
× 4
10 Kbytes
PLQP0080KB-A
R5F2L38CCDFA
128 Kbytes
1 Kbyte
× 4
10 Kbytes
PLQP0080JA-A
Part No. R 5 F 2L 38 C C N FP
Package type:
FP: LQFP (0.50 mm pin pitch)
FA: LQFP (0.65 mm pin pitch)
Classification
N: Operating ambient temperature -20°C to 85°C
D: Operating ambient temperature -40°C to 85°C
ROM capacity
7: 48 KB
8: 64 KB
A: 96 KB
C: 128 KB
R8C/L38C Group
R8C/Lx Series
Memory type
F: Flash memory
Renesas MCU
Renesas semiconductor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com