| Electronic Components Datasheet Search |
|
R32C Datasheet(PDF) 18 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R32C Datasheet(HTML) 18 Page - Renesas Technology Corp |
|
18 / 121 page ![]() REJ03B0230-0110 Rev.1.10 Page 18 of 116 Sep 06, 2010 R32C/151 Group 2. Central Processing Unit (CPU) 2.2 Fast Interrupt Registers The following three registers are provided to minimize the overhead of interrupt sequence. 2.2.1 Save Flag Register (SVF) This 32-bit register is used to save the flag register when a fast interrupt is generated. 2.2.2 Save PC Register (SVP) This 32-bit register is used to save the program counter when a fast interrupt is generated. 2.2.3 Vector Register (VCT) This 32-bit register is used to indicate a jump address when a fast interrupt is generated. 2.3 DMAC-associated Registers There are seven types of DMAC-associated registers. 2.3.1 DMA Mode Registers (DMD0, DMD1, DMD2, and DMD3) These 32-bit registers are used to set DMA transfer mode, bit rate, etc. 2.3.2 DMA Terminal Count Registers (DCT0, DCT1, DCT2, and DCT3) These 24-bit registers are used to set DMA transfer counting. 2.3.3 DMA Terminal Count Reload Registers (DCR0, DCR1, DCR2, and DCR3) These 24-bit registers are used to set the reloaded values for DMA terminal count registers. 2.3.4 DMA Source Address Registers (DSA0, DSA1, DSA2, and DSA3) These 32-bit registers are used to set DMA source addresses. 2.3.5 DMA Source Address Reload Registers (DSR0, DSR1, DSR2, and DSR3) These 32-bit registers are used to set the reloaded value for DMA source address register. 2.3.6 DMA Destination Address Registers (DDA0, DDA1, DDA2, and DDA3) These 32-bit registers are used to set DMA destination address. 2.3.7 DMA Destination Address Reload Registers (DDR0, DDR1, DDR2, and DDR3) These 32-bit registers are used to set reloaded values for DMA destination address registers. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |