Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

152 Datasheet(PDF) 53 Page - Renesas Technology Corp

Part # 152
Description  RENESAS MCU
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

152 Datasheet(HTML) 53 Page - Renesas Technology Corp

Back Button 152 Datasheet HTML 49Page - Renesas Technology Corp 152 Datasheet HTML 50Page - Renesas Technology Corp 152 Datasheet HTML 51Page - Renesas Technology Corp 152 Datasheet HTML 52Page - Renesas Technology Corp 152 Datasheet HTML 53Page - Renesas Technology Corp 152 Datasheet HTML 54Page - Renesas Technology Corp 152 Datasheet HTML 55Page - Renesas Technology Corp 152 Datasheet HTML 56Page - Renesas Technology Corp 152 Datasheet HTML 57Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 135 page
background image
REJ03B0231-0110
Rev.1.10
Page 53 of 130
Sep 06, 2010
R32C/152 Group
4. Special Function Registers (SFRs)
Table 4.34
SFR List (34)
Address
Register
Symbol
Reset Value
047460h CAN2 Mailbox 6: Message Identifier
C2MB6
XXXX XXXXh
047461h
047462h
047463h
047464h
047465h CAN2 Mailbox 6: Data Length
XXh
047466h CAN2 Mailbox 6: Data Field
XXXX XXXX
XXXX XXXXh
047467h
047468h
047469h
04746Ah
04746Bh
04746Ch
04746Dh
04746Eh CAN2 Mailbox 6: Time Stamp
XXXXh
04746Fh
047470h CAN2 Mailbox 7: Message Identifier
C2MB7
XXXX XXXXh
047471h
047472h
047473h
047474h
047475h CAN2 Mailbox 7: Data Length
XXh
047476h CAN2 Mailbox 7: Data Field
XXXX XXXX
XXXX XXXXh
047477h
047478h
047479h
04747Ah
04747Bh
04747Ch
04747Dh
04747Eh CAN2 Mailbox 7: Time Stamp
XXXXh
04747Fh
047480h CAN2 Mailbox 8: Message Identifier
C2MB8
XXXX XXXXh
047481h
047482h
047483h
047484h
047485h CAN2 Mailbox 8: Data Length
XXh
047486h CAN2 Mailbox 8: Data Field
XXXX XXXX
XXXX XXXXh
047487h
047488h
047489h
04748Ah
04748Bh
04748Ch
04748Dh
04748Eh CAN2 Mailbox 8: Time Stamp
XXXXh
04748Fh
X: Undefined
Blanks are reserved. No access is allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com