Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

153 Datasheet(PDF) 30 Page - Renesas Technology Corp

Part # 153
Description  RENESAS MCU
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

153 Datasheet(HTML) 30 Page - Renesas Technology Corp

Back Button 153 Datasheet HTML 26Page - Renesas Technology Corp 153 Datasheet HTML 27Page - Renesas Technology Corp 153 Datasheet HTML 28Page - Renesas Technology Corp 153 Datasheet HTML 29Page - Renesas Technology Corp 153 Datasheet HTML 30Page - Renesas Technology Corp 153 Datasheet HTML 31Page - Renesas Technology Corp 153 Datasheet HTML 32Page - Renesas Technology Corp 153 Datasheet HTML 33Page - Renesas Technology Corp 153 Datasheet HTML 34Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 149 page
background image
REJ03B0232-0110
Rev.1.10
Page 30 of 144
Sep 06, 2010
R32C/153 Group
4. Special Function Registers (SFRs)
Table 4.11
SFR List (11)
Address
Register
Symbol
Reset Value
000200h Group0 Phase Shift Waveform Output Mode Clock Division
Setting Register
G0SDR
00h
000201h Group0 Phase Shift Waveform Output Mode Control Register
G0PSCR
00h
000202h Group1 Phase Shift Waveform Output Mode Clock Division
Setting Register
G1SDR
00h
000203h Group1 Phase Shift Waveform Output Mode Control Register
G1PSCR
00h
000204h Group2 Phase Shift Waveform Output Mode Clock Division
Setting Register
G2SDR
00h
000205h Group2 Phase Shift Waveform Output Mode Control Register
G2PSCR
00h
000206h Group3 Phase Shift Waveform Output Mode Clock Division
Setting Register
G3SDR
00h
000207h Group3 Phase Shift Waveform Output Mode Control Register
G3PSCR
00h
000208h Timer B Event Clock Select Register
TBECKS
0000 0000b
000209h
00020Ah
00020Bh
00020Ch
00020Dh
00020Eh
00020Fh
000210h IIO0_7 Digital Debounce Register
IC07DDR
FFh
000211h IIO1_7 Digital Debounce Register
IC17DDR
FFh
000212h IIO2_7 Digital Debounce Register
IC27DDR
FFh
000213h IIO3_7 Digital Debounce Register
IC37DDR
FFh
000214h
000215h
000216h
000217h
000218h
000219h
00021Ah
00021Bh
00021Ch
00021Dh
00021Eh
00021Fh
000220h Timer A1 Mirror Register
TA1M
XXXXh
000221h
000222h Timer A1-1 Mirror Register
TA11M
XXXXh
000223h
000224h Timer A2 Mirror Register
TA2M
XXXXh
000225h
000226h Timer A2-1 Mirror Register
TA21M
XXXXh
000227h
000228h Timer A4 Mirror Register
TA4M
XXXXh
000229h
00022Ah Timer A4-1 Mirror Register
TA41M
XXXXh
00022Bh
00022Ch
00022Dh
00022Eh
00022Fh
X: Undefined
Blanks are reserved. No access is allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com