Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F2M121ADSP Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # R5F2M121ADSP
Description  RENESAS MCU
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2M121ADSP Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button R5F2M121ADSP Datasheet HTML 25Page - Renesas Technology Corp R5F2M121ADSP Datasheet HTML 26Page - Renesas Technology Corp R5F2M121ADSP Datasheet HTML 27Page - Renesas Technology Corp R5F2M121ADSP Datasheet HTML 28Page - Renesas Technology Corp R5F2M121ADSP Datasheet HTML 29Page - Renesas Technology Corp R5F2M121ADSP Datasheet HTML 30Page - Renesas Technology Corp R5F2M121ADSP Datasheet HTML 31Page - Renesas Technology Corp R5F2M121ADSP Datasheet HTML 32Page - Renesas Technology Corp R5F2M121ADSP Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 48 page
background image
R8C/M11A Group, R8C/M12A Group
4. Electrical Characteristics
Under development Preliminary document
Specifications in this document are tentative and subject to change.
R01DS0010EJ0010 Rev.0.10
Page 29 of 45
Aug 25, 2010
Notes:
1. The measurement condition is Vcc = 1.8 V to 5.5 V and Topr = -20
°C to 85 °C (N version)/-40 °C to 85 °C (D version).
2. Select the voltage detection level with bits VDSEL0 and VDSEL1 in the OFS register.
3. The response time is from when the voltage passes Vdet0 until the voltage monitor 0 reset is generated.
4. The wait time is necessary for the voltage detection circuit to operate when the VC0E bit in the VCA2 register is set to 0 and
then 1.
Notes:
1. The measurement condition is Vcc = 1.8 V to 5.5 V and Topr = -20
°C to 85 °C (N version)/-40 °C to 85 °C (D version).
2. Select the voltage detection level with bits VD1S1 to VD1S3 in the VD1LS register.
3. The response time is from when the voltage passes Vdet1 until the voltage monitor 1 interrupt request is generated.
4. The wait time is necessary for the voltage detection circuit to operate when the VC1E bit in the VCA2 register is set to 0 and
then 1.
Table 4.7
Voltage Detection 0 Circuit Electrical Characteristics
Symbol
Parameter
Condition
Standard
Unit
Min.
Typ.
Max.
Vdet0
Voltage detection level Vdet0_0 (2)
1.80
1.90
2.05
V
Voltage detection level Vdet0_1 (2)
2.15
2.35
2.50
V
Voltage detection level Vdet0_2 (2)
2.70
2.85
3.05
V
Voltage detection level Vdet0_3 (2)
3.55
3.80
4.05
V
—
Voltage detection 0 circuit response time (3)
When Vcc decreases from 5 V
to (Vdet0_0 - 0.1) V
—30—
µs
—
Self power consumption in voltage detection
circuit
VC0E = 1, Vcc = 5.0 V
—
1.5
—
µA
td(E-A)
Wait time until voltage detection circuit
operation starts (4)
—
—
100
µs
Table 4.8
Voltage Detection 1 Circuit Electrical Characteristics
Symbol
Parameter
Condition
Standard
Unit
Min.
Typ.
Max.
Vdet1
Voltage detection level Vdet1_1 (2)
When Vcc decreases
2.15
2.35
2.55
V
Voltage detection level Vdet1_3 (2)
When Vcc decreases
2.45
2.65
2.85
V
Voltage detection level Vdet1_5 (2)
When Vcc decreases
2.75
2.95
3.15
V
Voltage detection level Vdet1_7 (2)
When Vcc decreases
3.00
3.25
3.55
V
Voltage detection level Vdet1_9 (2)
When Vcc decreases
3.30
3.55
3.85
V
Voltage detection level Vdet1_B (2)
When Vcc decreases
3.60
3.85
4.15
V
Voltage detection level Vdet1_D (2)
When Vcc decreases
3.90
4.15
4.45
V
Voltage detection level Vdet1_F (2)
When Vcc decreases
4.20
4.45
4.75
V
—
Hysteresis width at the rising of Vcc in
voltage detection 1 circuit
Vdet1_1 to Vdet1_5 selected
—
0.07
—
V
Vdet1_7 to Vdet1_F selected
—
0.10
—
V
—
Voltage detection 1 circuit response time (3)
When Vcc decreases from 5 V
to (Vdet1_0 - 0.1) V
—
60
150
µs
—
Self power consumption in voltage detection
circuit
VC1E = 1, Vcc = 5.0 V
—
1.7
—
µA
td(E-A)
Wait time until voltage detection circuit
operation starts (4)
—
—
100
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com