Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7441BRTZ-R2 Datasheet(PDF) 7 Page - Analog Devices

Part # AD7441BRTZ-R2
Description  Pseudo Differential Input, 1 MSPS, 10-/12-Bit ADCs in an 8-Lead SOT-23
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7441BRTZ-R2 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7441BRTZ-R2 Datasheet HTML 3Page - Analog Devices AD7441BRTZ-R2 Datasheet HTML 4Page - Analog Devices AD7441BRTZ-R2 Datasheet HTML 5Page - Analog Devices AD7441BRTZ-R2 Datasheet HTML 6Page - Analog Devices AD7441BRTZ-R2 Datasheet HTML 7Page - Analog Devices AD7441BRTZ-R2 Datasheet HTML 8Page - Analog Devices AD7441BRTZ-R2 Datasheet HTML 9Page - Analog Devices AD7441BRTZ-R2 Datasheet HTML 10Page - Analog Devices AD7441BRTZ-R2 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
AD7441/AD7451
Rev. D | Page 7 of 24
TIMING SPECIFICATIONS1
VDD = 2.7 V to 5.25 V; fSCLK = 18 MHz; fS = 1 MSPS; VREF = 2.5 V; TA = TMIN to TMAX, unless otherwise noted.
Table 3.
Parameter
Limit at TMIN, TMAX
Unit
Description
fSCLK2
10
kHz min
18
MHz max
tCONVERT
16 × tSCLK
tSCLK = 1/fSCLK
888
ns max
tQUIET
60
ns min
Minimum quiet time between end of a serial read and next falling edge of CS
t1
10
ns min
Minimum CS pulse width
t2
10
ns min
CS falling edge to SCLK falling edge setup time
t33
20
ns max
Delay from CS falling edge until SDATA three-state disabled
t4
40
ns max
Data access time after SCLK falling edge
t5
0.4 tSCLK
ns min
SCLK high pulse width
t6
0.4 tSCLK
ns min
SCLK low pulse width
t7
10
ns min
SCLK edge to data valid hold time
t84
10
ns min
SCLK falling edge to SDATA, three-state enabled
35
ns max
SCLK falling edge to SDATA, three-state enabled
tPOWER-UP5
1
μs max
Power-up time from full power-down
1 Guaranteed by characterization. All input signals are specified with tRISE = tFALL = 5 ns (10% to 90% of VDD) and timed from a voltage level of 1.6 V. See Figure 2, Figure 3,
and the Serial Interface section.
2 Mark/space ratio for the SCLK input is 40/60 to 60/40.
3 Measured with the load circuit of Figure 4 and defined as the time required for the output to cross 0.8 V or 2.4 V with VDD = 5 V and the time required for an output to
cross 0.4 V or 2.0 V for VDD = 3 V.
4 t8 is derived from the measured time taken by the data outputs to change 0.5 V when loaded with the circuit of Figure 4. The measured number is then extrapolated
back to remove the effects of charging or discharging the 25 pF capacitor. This means that the time (t8) quoted in the timing characteristics is the true bus relinquish
time of the part and is independent of the bus loading.
5 See the Power-Up Time section.
TIMING DIAGRAMS
t3
t2
t4
t7
t8
t6
t1
t5
tQUIET
tCONVERT
CS
SCLK
SDATA
4 LEADING ZEROS
THREE-STATE
12
3
4
5
13
14
15
16
0
0
0
0
DB11
DB10
DB2
DB1
DB0
B
Figure 2. AD7451 Serial Interface Timing Diagram
t3
t2
t4
t7
t8
t6
t1
t5
tQUIET
tCONVERT
CS
SCLK
SDATA
4 LEADING ZEROS
2 TRAILING ZEROS THREE-STATE
12
3
4
5
13
14
15
16
0
0
0
0
DB9
DB8
DB0
0
0
B
Figure 3. AD7441 Serial Interface Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com