Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS160A20-R7B Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # GS160A20-R7B
Description  160WAC-DC Single Output Desktop
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

GS160A20-R7B Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  GS160A20-R7B Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. GS160A20-R7B Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATION
ORDERNO.
DCVOLTAGE
SAFETY MODEL NO.
RATEDCURRENT
CURRENTRANGE
RATEDPOWER (max.)
RIPPLE&NOISE(max.) Note.2
OUTPUT
VOLTAGERANGE
Note.7
FREQUENCY RANGE
POWERFACTOR(Typ.)
EFFICIENCY (Typ.)
ACCURRENT
INPUT
ENVIRONMENT
INRUSHCURRENT(max.)
LEAKAGECURRENT(max.)
SAFETY STANDARDS
SAFETY &
EMC
(Note.5)
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
PROTECTION
GS160A15
GS160A15-R7B
GS160A12
GS160A12-R7B
GS160A20
GS160A20-R7B
GS160A24
GS160A24-R7B
GS160A48
GS160A48-R7B
15V
12V
20V
24V
48V
100mVp-p
80mVp-p
150mVp-p
180mVp-p
240mVp-p
VOLTAGETOLERANCE Note.3
LINEREGULATION
Note.4
LOADREGULATION
5.0%
3.0%
3.0%
1.0%
1.0%
1.0%
5.0%
3.0%
3.0%
85~264VAC120~370VDC
47~63Hz
PF>0.95/230VACPF>0.98/115VACatfullload
90%
89%
92%
92.5%
94%
1.85A /115VAC1A /230VAC
120A /230VAC
0.75mA /240VAC
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:3KVAC
I/P-O/P
/25
/70%RH
:100MOhms/500VDC
290.3Khrsmin.MIL-HDBK-217F(25
)
-30~+70
(Refertooutputloadderatingcurve)
20%~90%RHnon-condensing
-20~+85
,10~95%RH
0.03%/
(0~50
)
10~500Hz,2G10min./1cycle,periodfor60min. eachalongX, Y,Zaxes
175*72*35mm(L*W*H)
0.66Kg;20pcs/14.2Kg/0.85CUFT
CONNECTOR
PLUG
CABLE
Seepage2
thertypeavailablebycustomerrequested
;O
Seepage2
thertypeavailablebycustomerrequested
;O
1.All parameters are specified at 230VAC input, rated load, 25
70% RH ambient.
2.Ripple & noise are measured at 20MHz by using a 12" twisted pair terminated with a 0.1uf & 47uf capacitor.
3.Tolerance: includes set up tolerance, line regulation, load regulation.
4.Line regulation is measured from low line to high line at rated load.
5.The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
6. Length of set up time is measured at first cold start. Turning ON/OFF the power supply may lead to increase of the set up time.
7. Derating may be needed under low input voltage. Please check the derating curve for more details.
160W AC-DCSingleOutputDesktop
G S 1 6 0 series
Features :
CompliancetoEN61000-3-2,3,GB17625.1
CompliancetoEN61000-4-2,3,4,5,6,8,11,lightindustrylevel,criteria A
HARMONICCURRENT
EMSIMMUNITY
EMICONDUCTION&RADIATION
OVERLOAD
OVERVOLTAGE
105~135% ratedoutputpower
Protectiontype:Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
105~135%ratedoutputvoltage
9.6A
11.5A
8A
6.67A
3.34A
0~9.6A
0~11.5A
0~8A
0~6.67A
0~3.34A
144W
138W
160W
160W
160W
Protectiontype: Shutdowno/pvoltage,re-powerontorecover
UL60950-1, TUVEN60950-1,BSMICNS14336,CCCGB4943approved
CompliancetoEN55022(CISPR22),EN61204-3classB,CNS13438classB,GB9254-1classB
Universal AC input / Full range
3 pole AC inlet IEC320-C14
Protections: Short circuit / Overload / Over voltage / Over temperature
Fully enclosed plastic case
Approvals: UL / CUL / TUV / BSMI / CCC / CB / FCC / CE
Class power ( with earth pin)
LED indicator for power on
No load power consumption<0.5W
ENERGY STAR compliant
Meet EISA 2007(Energy Independence and Security Act)
2 years warranty
Built-in active PFC function, PF>0.95
FileName:GS160-SPEC 2010-07-12
SETUP,RISETIME
Note.6
HOLDUP TIME (Typ.)
2000ms,20ms/230VAC2500ms,20ms/115VACatfullload
20ms/230VAC20ms/115VACatfullload
OVERTEMPERATURE
90
10
(RTH2)detectoninsideambienttemperature
Protectiontype:Shutdowno/pvoltage,re-powerontorecover
5.0%
1.0%
5.0%
4.0%
1.0%
4.0%
TUV
Rheinland
ProductSafety
geprUfre
Sicherheit


Similar Part No. - GS160A20-R7B

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
GS160A20-R7B MEANWELL-GS160A20-R7B Datasheet
244Kb / 2P
160WAC-DC Single Output Desktop
GS160A20-R7B MEANWELL-GS160A20-R7B Datasheet
263Kb / 2P
160WAC-DC Single Output Desktop
More results

Similar Description - GS160A20-R7B

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
AS-120P MEANWELL-AS-120P Datasheet
263Kb / 2P
120WAC-DC Single Output Desktop
FM90C MEANWELL-FM90C Datasheet
128Kb / 2P
90WAC-DC Single Output Desktop
GS40 MEANWELL-GS40_11 Datasheet
130Kb / 2P
40WAC-DC Single Output Desktop
GS60 MEANWELL-GS60 Datasheet
131Kb / 2P
60WAC-DC Single Output Desktop
GS90 MEANWELL-GS90 Datasheet
127Kb / 2P
90WAC-DC Single Output Desktop
GS160_1011 MEANWELL-GS160_1011 Datasheet
244Kb / 2P
160WAC-DC Single Output Desktop
GS220 MEANWELL-GS220_12 Datasheet
189Kb / 2P
220WAC-DC Single Output Desktop
GS160 MEANWELL-GS160_12 Datasheet
263Kb / 2P
160WAC-DC Single Output Desktop
GS120 MEANWELL-GS120_12 Datasheet
166Kb / 2P
120WAC-DC Single Output Desktop
GS40 MEANWELL-GS40_12 Datasheet
148Kb / 2P
40WAC-DC Single Output Desktop
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com