Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3901A1T-I/SS Datasheet(PDF) 39 Page - Microchip Technology

Part # MCP3901A1T-I/SS
Description  Two-Channel Analog Front End
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3901A1T-I/SS Datasheet(HTML) 39 Page - Microchip Technology

Back Button MCP3901A1T-I/SS Datasheet HTML 35Page - Microchip Technology MCP3901A1T-I/SS Datasheet HTML 36Page - Microchip Technology MCP3901A1T-I/SS Datasheet HTML 37Page - Microchip Technology MCP3901A1T-I/SS Datasheet HTML 38Page - Microchip Technology MCP3901A1T-I/SS Datasheet HTML 39Page - Microchip Technology MCP3901A1T-I/SS Datasheet HTML 40Page - Microchip Technology MCP3901A1T-I/SS Datasheet HTML 41Page - Microchip Technology MCP3901A1T-I/SS Datasheet HTML 42Page - Microchip Technology MCP3901A1T-I/SS Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 60 page
background image
© 2010 Microchip Technology Inc.
DS22192C-page 39
MCP3901
The position of the DR pulses vary, with respect to this
mode, to the OSR and to the PHASE settings:
• DRMODE<1:0> = 11: Both data ready pulses
from ADC Channel 0 and ADC Channel 1 are
output on the DR pin.
• DRMODE<1:0> = 10: Data ready pulses from
ADC Channel 1 are output on the DR pin. The DR
from ADC Channel 0 is not present on the pin.
• DRMODE<1:0> = 01: Data ready pulses from
ADC Channel 0 are output on the DR pin. The DR
from ADC Channel 1 is not present on the pin.
• DRMODE<1:0> = 00 (Recommended and
Default mode): Data ready pulses from the
lagging ADC between the two are output on the
DR pin. The lagging ADC depends on the PHASE
register and on the OSR. In this mode, the two
ADCs are linked together so their data is latched
together when the lagging ADC output is ready.
6.10.2
DR PULSES WITH SHUTDOWN OR
RESET CONDITIONS
There will be no DR pulses if DRMODE<1:0> = 00
when either one or both of the ADCs are in Reset or
shutdown. In Mode 0,0, a DR pulse only happens when
both ADCs are ready. Any DR pulse will correspond to
one data on both ADCs. The two ADCs are linked
together and act as if there was only one channel with
the combined data of both ADCs. This mode is very
practical when both ADC channels’ data retrieval and
processing need to be synchronized, as in power
metering applications.
Figure 6-8 represents the behavior of the data ready
pin
with
the
different
DRMODE
and
DR_LTY
configurations, while shutdown or Resets are applied.
Note:
If DRMODE<1:0> = 11, the user will still
be able to retrieve the DR pulse for the
ADC not in shutdown or Reset (i.e., only
1 ADC channel needs to be awake).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com