Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3901 Datasheet(PDF) 20 Page - Microchip Technology

Part # MCP3901
Description  Two-Channel Analog Front End
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3901 Datasheet(HTML) 20 Page - Microchip Technology

Back Button MCP3901 Datasheet HTML 16Page - Microchip Technology MCP3901 Datasheet HTML 17Page - Microchip Technology MCP3901 Datasheet HTML 18Page - Microchip Technology MCP3901 Datasheet HTML 19Page - Microchip Technology MCP3901 Datasheet HTML 20Page - Microchip Technology MCP3901 Datasheet HTML 21Page - Microchip Technology MCP3901 Datasheet HTML 22Page - Microchip Technology MCP3901 Datasheet HTML 23Page - Microchip Technology MCP3901 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 60 page
background image
MCP3901
DS22192C-page 20
© 2010 Microchip Technology Inc.
Since this is the output data rate, and since the
decimation filter is a SINC (or notch) filter, there is a
notch in the filter transfer function at each integer
multiple of this rate.
The following table describes the various combinations
of OSR and PRESCALE, and their associated AMCLK,
DMCLK and DRCLK rates.
4.5
Oversampling Ratio (OSR)
The ratio of the sampling frequency to the output data
rate is OSR = DMCLK/DRCLK. The default OSR is 64
or with MCLK = 4 MHz and PRESCALE = 1,
AMCLK = 4 MHz, fS = 1 MHz, fD = 15.625 ksps. The
following bits in the CONFIG1 register are used to
change the Oversampling Ratio (OSR).
4.6
Offset Error
This is the error induced by the ADC when the inputs
are shorted together (VIN = 0V). The specification
incorporates both PGA and ADC offset contributions.
This error varies with PGA and OSR settings. The
offset is different on each channel and varies from chip
to chip. This offset error can easily be calibrated out by
a MCU with a subtraction. The offset is specified in mV.
The offset on the MCP3901 has a low temperature
coefficient; see Section 2.0 “Typical Performance
Curves”.
4.7
Gain Error
This is the error induced by the ADC on the slope of the
transfer function. It is the deviation expressed in percent
(%) compared to the ideal transfer function defined by
Equation 5-3. The specification incorporates both PGA
and ADC gain error contributions, but not the VREF
contribution (it is measured with an external VREF). This
error varies with PGA and OSR settings.
The gain error on the MCP3901 has a low temperature
coefficient; see the typical performance curves for
more information, Figure 2-24 and Figure 2-25.
TABLE 4-2:
DEVICE DATA RATES IN FUNCTION OF MCLK, OSR AND PRESCALE
PRE
<1:0>
OSR <1:0>
OSR
AMCLK
DMCLK
DRCLK
DRCLK
(ksps)
SINAD
(dB)
ENOB
(bits)
11
1
1
256
MCLK/8
MCLK/32
MCLK/8192
0.4882
91.4
14.89
11
1
0
128
MCLK/8
MCLK/32
MCLK/4096
0.976
86.6
14.10
11
0
1
64
MCLK/8
MCLK/32
MCLK/2048
1.95
78.7
12.78
11
0
0
32
MCLK/8
MCLK/32
MCLK/1024
3.9
68.2
11.04
10
1
1
256
MCLK/4
MCLK/16
MCLK/4096
0.976
91.4
14.89
10
1
0
128
MCLK/4
MCLK/16
MCLK/2048
1.95
86.6
14.10
10
0
1
64
MCLK/4
MCLK/16
MCLK/1024
3.9
78.7
12.78
10
0
0
32
MCLK/4
MCLK/16
MCLK/512
7.8125
68.2
11.04
01
1
1
256
MCLK/2
MCLK/8
MCLK/2048
1.95
91.4
14.89
01
1
0
128
MCLK/2
MCLK/8
MCLK/1024
3.9
86.6
14.10
01
0
1
64
MCLK/2
MCLK/8
MCLK/512
7.8125
78.7
12.78
01
0
0
32
MCLK/2
MCLK/8
MCLK/256
15.625
68.2
11.04
00
1
1
256
MCLK
MCLK/4
MCLK/1024
3.9
91.4
14.89
00
1
0
128
MCLK
MCLK/4
MCLK/512
7.8125
86.6
14.10
00
0
1
64
MCLK
MCLK/4
MCLK/256
15.625
78.7
12.78
00
0
0
32
MCLK
MCLK/4
MCLK/128
31.25
68.2
11.04
Note:
For OSR = 32 and 64, DITHER = 0. For OSR = 128 and 256, DITHER = 1.
TABLE 4-3:
MCP3901 OVERSAMPLING
RATIO SETTINGS
CONFIG
OVERSAMPLING RATIO
OSR
OSR<1:0>
00
32
01
64 (default)
10
128
11
256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com