Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF24J40-I/T Datasheet(PDF) 89 Page - Microchip Technology

Part # MRF24J40-I/T
Description  IEEE 802.15.4??2.4 GHz RF Transceiver
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF24J40-I/T Datasheet(HTML) 89 Page - Microchip Technology

Back Button MRF24J40-I/T Datasheet HTML 85Page - Microchip Technology MRF24J40-I/T Datasheet HTML 86Page - Microchip Technology MRF24J40-I/T Datasheet HTML 87Page - Microchip Technology MRF24J40-I/T Datasheet HTML 88Page - Microchip Technology MRF24J40-I/T Datasheet HTML 89Page - Microchip Technology MRF24J40-I/T Datasheet HTML 90Page - Microchip Technology MRF24J40-I/T Datasheet HTML 91Page - Microchip Technology MRF24J40-I/T Datasheet HTML 92Page - Microchip Technology MRF24J40-I/T Datasheet HTML 93Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 156 page
background image
© 2010 Microchip Technology Inc.
Preliminary
DS39776C-page 89
MRF24J40
3.0
FUNCTIONAL DESCRIPTION
3.1
Reset
The MRF24J40 has four Reset types:
• Power-on Reset – The MRF24J40 has built-in
Power-on Reset circuitry that will automatically
reset all control registers when power is applied. It
is recommended to delay 2 ms after a Reset
before accessing the MRF24J40 to allow the RF
circuitry to start up and stabilize.
• RESET Pin – The MRF24J40 can be reset by the
host microcontroller by asserting the RESET pin
13 low. All control registers will be reset. The
MRF24J40 will be released from Reset approxi-
mately 250
μs after RESET is released. The
RESET pin has an internal weak pull-up resistor.
It is recommended to delay 2 ms after a Reset
before accessing the MRF24J40 to allow the RF
circuitry to start up and stabilize.
• Software Reset – A Software Reset can be
performed by the host microcontroller. The power
management circuitry is reset by setting the
RSTPWR (0x2A<2>) bit to ‘1’. The control
registers retain their values. The baseband
circuitry is reset by setting the RSTBB (0x2A<1>)
bit to ‘1’. The control registers retain their values.
The MAC circuitry is reset by setting the RSTMAC
(0x2A<0>) bit to ‘1’. All control registers will be
reset. The Resets can be performed individually
or together. The bit(s) will be automatically
cleared to ‘0’ by hardware. No delay is necessary
after a Software Reset.
• RF State Machine Reset – Perform an RF State
Machine Reset by setting to ‘1’ the RFRST
(RFCTL 0x36<2>) bit and then clearing to ‘0’.
Delay at least 192
μs after performing to allow the
RF circuitry to calibrate. The control registers
retain their values.
Note:
The RF state machine should be Reset
after the frequency channel has been
changed (RFCON0 0x200).
TABLE 3-1:
REGISTERS ASSOCIATED WITH RESET
Addr.
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0x2A SOFTRST
r
r
r
r
r
RSTPWR
RSTBB
RSTMAC
0x36 RFCTL
r
r
r
WAKECNT8
WAKECNT7
RFRST
RFTXMODE
RFRXMODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com