Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F720-MV/P Datasheet(PDF) 64 Page - Microchip Technology

Part # PIC16F720-MV/P
Description  20-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F720-MV/P Datasheet(HTML) 64 Page - Microchip Technology

Back Button PIC16F720-MV/P Datasheet HTML 60Page - Microchip Technology PIC16F720-MV/P Datasheet HTML 61Page - Microchip Technology PIC16F720-MV/P Datasheet HTML 62Page - Microchip Technology PIC16F720-MV/P Datasheet HTML 63Page - Microchip Technology PIC16F720-MV/P Datasheet HTML 64Page - Microchip Technology PIC16F720-MV/P Datasheet HTML 65Page - Microchip Technology PIC16F720-MV/P Datasheet HTML 66Page - Microchip Technology PIC16F720-MV/P Datasheet HTML 67Page - Microchip Technology PIC16F720-MV/P Datasheet HTML 68Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 244 page
background image
PIC16F/LF720/721
DS41430A-page 64
 2010 Microchip Technology Inc.
6.3.2
RC0/AN4
Figure 6-11 shows the diagram for this pin. The RC0 pin
is configurable to function as one of the following:
• general purpose I/O
• analog input for the A/D
6.3.3
RC1/AN5
Figure 6-11 shows the diagram for this pin. The RC1 pin
is configurable to function as one of the following:
• general purpose I/O
• analog input for the A/D
6.3.4
RC2/AN6
Figure 6-12 shows the diagram for this pin. The RC2
pin is configurable to function as one of the following:
• general purpose I/O
• analog input for the A/D
6.3.5
RC3/AN7
Figure 6-12 shows the diagram for this pin. The RC3 pin
is configurable to function as one of the following:
• general purpose I/O
• analog input for the A/D
6.3.6
RC4
Figure 6-13 shows the diagram for this pin. The RC4 pin
functions as one of the following:
• general purpose I/O
6.3.7
RC5/CCP1
Figure 6-14 shows the diagram for this pin. The RC5 pin
is configurable to function as one of the following:
• general purpose I/O
• Capture, Compare or PWM (1 output)
6.3.8
RC6/AN8/SS
Figure 6-15 shows the diagram for this pin. The RC6 pin
is configurable to function as one of the following:
• general purpose I/O
• analog input for the A/D
•SS input to SSP
6.3.9
RC7/AN9/SDO
Figure 6-16 shows the diagram for this pin. The RC7 pin
is configurable to function as one of the following:
• general purpose I/O
• analog input for the A/D
• SDO output of SSP
FIGURE 6-11:
BLOCK DIAGRAM OF RC0
AND RC1
FIGURE 6-12:
BLOCK DIAGRAM OF RC2
AND RC3
VDD
VSS
D
Q
CK
Q
D
Q
CK
Q
Data Bus
WR
PORTC
WR
TRISC
RD
TRISC
To A/D Converter
RD
PORTC
Analog Input
mode(1)
Note
1:
ANSEL determines Analog Input mode.
I/O Pin
VDD
VSS
D
Q
CK
Q
D
Q
CK
Q
Data Bus
WR
PORTC
WR
TRISC
RD
TRISC
RD
PORTC
Analog Input
mode(1)
Note
1:
ANSEL determines Analog Input mode.
I/O Pin
To A/D Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com