Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCM828ECT Datasheet(PDF) 15 Page - Microchip Technology

Part # TCM828ECT
Description  Switched Capacitor Voltage Converters
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TCM828ECT Datasheet(HTML) 15 Page - Microchip Technology

Back Button TCM828ECT Datasheet HTML 11Page - Microchip Technology TCM828ECT Datasheet HTML 12Page - Microchip Technology TCM828ECT Datasheet HTML 13Page - Microchip Technology TCM828ECT Datasheet HTML 14Page - Microchip Technology TCM828ECT Datasheet HTML 15Page - Microchip Technology TCM828ECT Datasheet HTML 16Page - Microchip Technology TCM828ECT Datasheet HTML 17Page - Microchip Technology TCM828ECT Datasheet HTML 18Page - Microchip Technology TCM828ECT Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
© 2010 Microchip Technology Inc.
DS21488B-page 15
TCM828/TCM829
5.0.7
PARALLELING DEVICES
To reduce the value of ROUT, multiple TCM828/
TCM829 devices can be connected in parallel
(Figure 5-5). The output resistance will be reduced by
a factor of N, where N is the number of TCM828/
TCM829 device. Each device will require it’s own pump
capacitor (C1), but all devices may share one reservoir
capacitor
(C2).
However,
to
preserve
ripple
performance, the value of C2 should be scaled
according to the number of paralleled TCM828/
TCM829 devices.
FIGURE 5-5:
Paralleling TCM828 or
TCM829 Devices to Reduce Output Resistance.
5.0.8
VOLTAGE DOUBLER/INVERTER
Another common application of the TCM828/TCM829
devices is shown in Figure 5-6. This circuit performs
two functions in combination. C1 and C2 form the
standard inverter circuit described above. C3 and C4,
plus the two diodes, form the voltage doubler circuit. C1
and C3 are the pump capacitors, while C2 and C4 are
the reservoir capacitors. Because both sub-circuits rely
on the same switches, if either output is loaded, both
will drop toward GND. Make sure that the total current
drawn from both the outputs does not total more than
40 mA.
FIGURE 5-6:
Combined Doubler and
Inverter.
5.0.9
DIODE PROTECTION FOR HEAVY
LOADS
When heavy loads require the OUT pin to sink large
currents, being delivered by a positive source, diode
protection may be needed. The OUT pin should not be
allowed
to
be
pulled
above
ground.
This
is
accomplished
by
connecting
a
Schottky
diode
(1N5817) as shown in Figure 5-7.
FIGURE 5-7:
High VLoad Current.
5.0.10
LAYOUT CONSIDERATIONS
As with any switching power supply circuit, good layout
practice is recommended. Mount components as close
together as possible, to minimize stray inductance and
capacitance. Also use a large ground plane to minimize
noise leakage into other circuitry.
C1
C1
5
5
4
3
4
1
2
2
1
3
C2
V+IN
VOUT
VOUT =V
-
IN
"1"
"n"
. . .
. . .
TCM828/
TCM829
TCM828/
TCM829
ROUT =
VOUT OF SINGLE DEVICE
NUMBER OF DEVICES
C1
D1
D2
D1, D2 = 1N4148
5
4
1
2
3
C2
C4
C3
V+IN
VOUT =V
-
IN
VOUT =(2VIN)-
TCM828/
TCM829
(VFD1)- (VFD2)
GND
OUT
4
1
TCM828/
TCM829



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com