Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3510-S08-R Datasheet(PDF) 8 Page - Unisonic Technologies

Part # 3510-S08-R
Description  PC POWER SUPPLY SUPERVISORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3510-S08-R Datasheet(HTML) 8 Page - Unisonic Technologies

  3510-S08-R Datasheet HTML 1Page - Unisonic Technologies 3510-S08-R Datasheet HTML 2Page - Unisonic Technologies 3510-S08-R Datasheet HTML 3Page - Unisonic Technologies 3510-S08-R Datasheet HTML 4Page - Unisonic Technologies 3510-S08-R Datasheet HTML 5Page - Unisonic Technologies 3510-S08-R Datasheet HTML 6Page - Unisonic Technologies 3510-S08-R Datasheet HTML 7Page - Unisonic Technologies 3510-S08-R Datasheet HTML 8Page - Unisonic Technologies 3510-S08-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
3510
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
8 of 9
www.unisonic.com.tw
QW-R502-048,B
TYPICAL CHARACTERISTICS
0
2.5
5
7.5
10
12.5
15
Supply Voltage, VDD (V)
-300
-200
-100
0
100
200
300
400
SUPPLY CURRENT vs SUPPLY VOLTAGE
Ta = -20°C
Ta = 25°C
Ta = 85°C
PGI=1.4V
PSON=5V
01
2
Input Voltage, VIN (V)
-140
-120
-100
-40
-20
0
20
Ta = -20°C
Ta = 25°C
Ta = 85°C
-60
-80
345
6
7
VDD=4V
INPUT CURRENT (PSON)
vs
INPUT VOLTAGE (PSON)
020
Low-Level Output Current, IOL (mA)
4
Ta =-20°C
Ta = 25°C
Ta = 85°C
VDD=4V
PSON=GND
3
2
1
0
40
60
80
100
LOW-LEVEL OUTPUT VOLTAGE (FPO)
vs
LOW-LEVEL OUTPUT CURRENT (FPO)
0
5
Low-Level Output Current, IOL (mA)
Ta = 25°C
Ta = 85°C
VDD=4V
PSON=GND
0
10
15
20
LOW-LEVEL OUTPUT VOLTAGE (FPO)
vs
LOW-LEVEL OUTPUT CURRENT (FPO)
Ta = -20°C
Exploded View
25
100
200
300
400
500
600
700
800
025
Low-Level Output Current, IOL (mA)
Ta = 25°C
Ta = 85°C
VDD=4V
PSON=GND
0
50
LOW-LEVEL OUTPUT VOLTAGE (PGO)
vs
LOW-LEVEL OUTPUT CURRENT (PGO)
Ta = -20°C
150
4
125
100
75
3
2
1
0
Low-Level Output Current, IOL (mA)
Ta = -20°C
Ta = 25°C
Ta = 85°C
VDD=4V
PSON=GND
0
LOW-LEVEL OUTPUT VOLTAGE (PGO)
vs
LOW-LEVEL OUTPUT CURRENT (PGO)
20
10
100
15
5
200
300
400
500
600
Exploded View



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com