Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVCV2G66 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # 74LVCV2G66
Description  Overvoltage tolerant bilateral switch
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVCV2G66 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button 74LVCV2G66 Datasheet HTML 9Page - NXP Semiconductors 74LVCV2G66 Datasheet HTML 10Page - NXP Semiconductors 74LVCV2G66 Datasheet HTML 11Page - NXP Semiconductors 74LVCV2G66 Datasheet HTML 12Page - NXP Semiconductors 74LVCV2G66 Datasheet HTML 13Page - NXP Semiconductors 74LVCV2G66 Datasheet HTML 14Page - NXP Semiconductors 74LVCV2G66 Datasheet HTML 15Page - NXP Semiconductors 74LVCV2G66 Datasheet HTML 16Page - NXP Semiconductors 74LVCV2G66 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
74LVCV2G66
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 3 — 16 June 2010
13 of 23
NXP Semiconductors
74LVCV2G66
Overvoltage tolerant bilateral switch
11.3 Test circuits
Test conditions:
VCC = 2.3 V: Vi = 2 V (p-p).
VCC = 3 V: Vi = 2.5 V (p-p).
VCC = 4.5 V: Vi = 4 V (p-p).
Fig 14. Test circuit for measuring total harmonic distortion
001aag492
VIH
VO
VCC
0.5VCC
nZ/nY
nY/nZ
nE
600
Ω
fi
RL
10
μF
CL
D
Adjust fi voltage to obtain 0 dBm level at output. Increase fi frequency until dB meter reads −3dB.
Fig 15. Test circuit for measuring the frequency response when switch is in ON-state
001aag491
VIH
VO
VCC
0.5VCC
nZ/nY
nY/nZ
nE
50
Ω
fi
RL
0.1
μF
CL
dB
Adjust fi voltage to obtain 0 dBm level at input.
Fig 16. Test circuit for measuring isolation (OFF-state)
001aag493
VIL
VO
VCC
0.5VCC
nZ/nY
nY/nZ
nE
50
Ω
fi
RL
0.5VCC
RL
0.1
μF
CL dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com