Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2G66DC Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74LVC2G66DC
Description  Bilateral switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC2G66DC Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74LVC2G66DC Datasheet HTML 2Page - NXP Semiconductors 74LVC2G66DC Datasheet HTML 3Page - NXP Semiconductors 74LVC2G66DC Datasheet HTML 4Page - NXP Semiconductors 74LVC2G66DC Datasheet HTML 5Page - NXP Semiconductors 74LVC2G66DC Datasheet HTML 6Page - NXP Semiconductors 74LVC2G66DC Datasheet HTML 7Page - NXP Semiconductors 74LVC2G66DC Datasheet HTML 8Page - NXP Semiconductors 74LVC2G66DC Datasheet HTML 9Page - NXP Semiconductors 74LVC2G66DC Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
74LVC2G66
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 5 — 16 June 2010
6 of 26
NXP Semiconductors
74LVC2G66
Bilateral switch
[1]
All typical values are measured at Tamb =25 °C.
[2]
These typical values are measured at VCC =3.3 V.
10.1 Test circuits
CI
input
capacitance
-2.0
-
-
-
pF
CS(OFF)
OFF-state
capacitance
-5.0
-
-
-
pF
CS(ON)
ON-state
capacitance
-9.5
-
-
-
pF
Table 7.
Static characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
−40 °C to +85 °C
−40 °C to +125 °C
Unit
Min
Typ[1]
Max
Min
Max
VI = VCC or GND and VO = GND or VCC.VI = VCC or GND and VO = open circuit.
Fig 8.
Test circuit for measuring OFF-state leakage
current
Fig 9.
Test circuit for measuring ON-state leakage
current
001aag488
IS
VI
VIL
VO
VCC
GND
nY
nZ
nE
001aag489
IS
VI
VIH
VO
VCC
GND
nY
nZ
nE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com